Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM908E621 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MM908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MM908E621 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
908E621
Static Electrical Characteristics
Switchable VDD Output HVDD
Overcurrent Shutdown
IHVDDOC
25
35
50
mA
Overcurrent Shutdown Blanking Time (20)
HVDDT1:0 = 00
HVDDT1:0 = 01
HVDDT1:0 = 10
HVDDT1:0 = 11
tHVDDOCB
–
–
–
–
950
536
234
78
–
–
–
–
µs
Overcurrent Flag Delay (20)
tHVDDOCFD
–0.5
–
ms
Drop-Out Voltage @ ILOAD = 20 mA
VHVDDDROP
–110
300
mV
VSUP Down Scaler (21)
Voltage Ratio (RATIO VSUP = VSUP / VADOUT)RATIOVSUP
4.75
5.0
5.25
–
Internal Die Temperature Sensor (21)
Voltage / Temperature Slope (20)
STtoV
–26
–
mV/°C
Output Voltage @25°C
VT25
1.7
1.9
2.1
V
Notes
20.
This parameter is guaranteed by process monitoring but is not production tested.
21.
This parameter is guaranteed only if correct trimming was applied
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com