Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8955PRGER Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8955PRGER
Description  DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8955PRGER Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8955PRGER Datasheet HTML 9Page - Texas Instruments DRV8955PRGER Datasheet HTML 10Page - Texas Instruments DRV8955PRGER Datasheet HTML 11Page - Texas Instruments DRV8955PRGER Datasheet HTML 12Page - Texas Instruments DRV8955PRGER Datasheet HTML 13Page - Texas Instruments DRV8955PRGER Datasheet HTML 14Page - Texas Instruments DRV8955PRGER Datasheet HTML 15Page - Texas Instruments DRV8955PRGER Datasheet HTML 16Page - Texas Instruments DRV8955PRGER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
7.3 Feature Description
The following table shows the recommended values of the external components for the driver.
Figure 7-2. Resistor divider connected to the VREF pins
Table 7-1. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
PGND
Two X7R, 0.01-µF, VM-rated ceramic capacitors
CVM2
VM
PGND
Bulk, VM-rated capacitor
CVCP
VCP
VM
X7R, 0.22-µF, 16-V ceramic capacitor
CSW
CPH
CPL
X7R, 0.022-µF, VM-rated ceramic capacitor
CDVDD
DVDD
GND
X7R, 0.47-µF to 1-µF, 6.3-V or 10-V rated ceramic capacitor
RnFAULT
VCC
nFAULT
>4.7-kΩ resistor
RREF1
VREF12
VCC
Resistor to limit chopping current. It is recommended that the value of parallel
combination of RREF1 and RREF2 should be less than 50-kΩ.
RREF2 (Optional)
VREF12
GND
RREF3
VREF34
VCC
Resistor to limit chopping current. It is recommended that the value of parallel
combination of RREF3 and RREF4 should be less than 50-kΩ.
RREF4 (Optional)
VREF34
GND
VCC is not a pin on the device, but a VCC supply voltage pullup is required for open-drain output nFAULT;
nFAULT may be pulled up to DVDD.
7.3.1 Configuration Options and Bridge Control
The MODE pin configures the half-bridges such that one, two or four solenoid loads can be driven by the device.
Higher load currents can be supported by paralleling half-bridges. Table 7-2 shows the four possible settings -
Table 7-2. DRV8955 Configuration Options
MODE
Number of
Half-bridges
Indepe
ndent
High-z
Control
RdsON (HS +
LS)
Maximum ITRIP
Input Control
Pins
Current Control
0
Four
No
330 mΩ
2.5 A
IN1, IN2, IN3,
IN4
VREF12 controls the ITRIP for OUT1 and
OUT2, VREF34 controls the ITRIP for OUT3
and OUT4.
1
Two (Connect
OUT1 and
OUT2 together,
and OUT3 and
OUT4 together)
No
160 mΩ
5 A
IN2 controls
OUT1 and OUT2,
IN4 controls
OUT3 and OUT4
VREF12 controls the ITRIP for OUT1 and
OUT2, VREF34 controls the ITRIP for OUT3
and OUT4.
Hi-z
One (connect all
four OUT pins
together)
No
80 mΩ
10 A
IN4 controls the
combined output
VREF12 must be shorted to VREF34 to
control the ITRIP for output load.
330kΩ
to GND
Four
(independent
High-z)
Yes
330 mΩ
No ITRIP control
available.
IN1, IN2, IN3,
IN4, EN1, EN2,
EN3, EN4
The current for each output has to be
controlled by the input PWM pulse width. The
VREF and TOFF pins are reassigned as
enable (ENx) pins in this mode.
www.ti.com
DRV8955
SLOSE71 – APRIL 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com