Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8955PRGER Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8955PRGER
Description  DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8955PRGER Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8955PRGER Datasheet HTML 17Page - Texas Instruments DRV8955PRGER Datasheet HTML 18Page - Texas Instruments DRV8955PRGER Datasheet HTML 19Page - Texas Instruments DRV8955PRGER Datasheet HTML 20Page - Texas Instruments DRV8955PRGER Datasheet HTML 21Page - Texas Instruments DRV8955PRGER Datasheet HTML 22Page - Texas Instruments DRV8955PRGER Datasheet HTML 23Page - Texas Instruments DRV8955PRGER Datasheet HTML 24Page - Texas Instruments DRV8955PRGER Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
operation resumes (motor-driver operation and nFAULT released) when the VM undervoltage condition is
removed.
7.3.6.2 VCP Undervoltage Lockout (CPUV)
If at any time the voltage on the VCP pin falls below the CPUV voltage, all the outputs are disabled, and the
nFAULT pin is driven low. The charge pump remains active during this condition. Normal operation resumes
(motor-driver operation and nFAULT released) when the VCP undervoltage condition is removed.
7.3.6.3 Overcurrent Protection (OCP)
An analog current-limit circuit on each FET limits the current through the FET by removing the gate drive. If this
current limit persists for longer than the tOCP time, the half-bridge in which OCP is detected is disabled and the
nFAULT pin is driven low. The charge pump remains active during this condition. Once the OCP condition is
removed, normal operation resumes after applying an nSLEEP reset pulse or a power cycling.
7.3.6.4 Thermal Shutdown (OTSD)
If the die temperature exceeds the thermal shutdown limit (TOTSD) all MOSFETs in the H-bridge are disabled,
and the nFAULT pin is driven low. After the junction temperature falls below the overtemperature threshold limit
minus the hysteresis (TOTSD – THYS_OTSD), normal operation resumes after applying an nSLEEP reset pulse or a
power cycling.
Fault Condition Summary
Table 7-7. Fault Condition Summary
FAULT
CONDITION
ERROR
REPORT
HALF-
BRIDGE
CHARGE
PUMP
LOGIC
RECOVERY
VM undervoltage
(UVLO)
VM < VUVLO
nFAULT
All Disabled
Disabled
Reset
(VDVDD < 3.9
V)
Automatic: VM > VUVLO
CP undervoltage
(CPUV)
VCP < VCPUV
nFAULT
All Disabled
Operating
Operating
VCP > VCPUV
Overcurrent (OCP)
IOUT > IOCP
nFAULT
Half-bridge
with OCP is
Disabled
Operating
Operating
Latched
Thermal Shutdown
(OTSD)
TJ > TTSD
nFAULT
All Disabled
Disabled
Operating
Latched
7.4 Device Functional Modes
7.4.1 Sleep Mode (nSLEEP = 0)
The state of the device is managed by the nSLEEP pin. When the nSLEEP pin is low, the device enters a low-
power sleep mode. In sleep mode, all the internal MOSFETs are disabled and the charge pump is disabled. The
tSLEEP time must elapse after a falling edge on the nSLEEP pin before the device enters sleep mode. The device
is brought out of sleep automatically if the nSLEEP pin is brought high. The tWAKE time must elapse before the
device is ready for inputs.
7.4.2 Operating Mode (nSLEEP = 1)
When the nSLEEP pin is high, and VM > UVLO, the device enters the active mode. The tWAKE time must elapse
before the device is ready for inputs.
7.4.3 nSLEEP Reset Pulse
A latched fault can be cleared through a quick nSLEEP pulse. This pulse width must be greater than 20 µs and
shorter than 40 µs. If nSLEEP is low for longer than 40 µs, but less than 120 µs, the faults are cleared and the
device may or may not shutdown, as shown in the timing diagram (see Figure 7-14). This reset pulse does not
affect the status of the charge pump or other functional blocks.
www.ti.com
DRV8955
SLOSE71 – APRIL 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com