Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMSR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMSR
Description  TMS320F28004x Microcontrollers
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMSR Datasheet(HTML) 64 Page - Texas Instruments

Back Button F280041PMSR Datasheet HTML 60Page - Texas Instruments F280041PMSR Datasheet HTML 61Page - Texas Instruments F280041PMSR Datasheet HTML 62Page - Texas Instruments F280041PMSR Datasheet HTML 63Page - Texas Instruments F280041PMSR Datasheet HTML 64Page - Texas Instruments F280041PMSR Datasheet HTML 65Page - Texas Instruments F280041PMSR Datasheet HTML 66Page - Texas Instruments F280041PMSR Datasheet HTML 67Page - Texas Instruments F280041PMSR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 231 page
background image
64
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
(2)
lfm = linear feet per minute
5.7.3
RSH Package
°C/W(1)
AIR FLOW (lfm)(2)
RΘJC
Junction-to-case thermal resistance
11.9
N/A
RΘJB
Junction-to-board thermal resistance
3.3
N/A
RΘJA (High k PCB)
Junction-to-free air thermal resistance
25.8
0
RΘJMA
Junction-to-moving air thermal resistance
17.4
150
15.1
250
13.4
500
PsiJT
Junction-to-package top
0.2
0
0.3
150
0.4
250
0.4
500
PsiJB
Junction-to-board
3.3
0
3.2
150
3.2
250
3.2
500
RΘJC, bottom
Junction-to-bottom case thermal resistance
0.7
0
5.8
Thermal Design Considerations
Based on the end application design and operational profile, the IDD and IDDIO currents could vary.
Systems that exceed the recommended maximum power dissipation in the end product may require
additional thermal enhancements. Ambient temperature (TA) varies with the end application and product
design. The critical factor that affects reliability and functionality is TJ, the junction temperature, not the
ambient temperature. Hence, care should be taken to keep TJ within the specified limits. Tcase should be
measured to estimate the operating junction temperature TJ. Tcase is normally measured at the center of
the package top-side surface. The thermal application report Semiconductor and IC Package Thermal
Metrics helps to understand the thermal metrics and definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com