Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F280041PMSR Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # F280041PMSR
Description  TMS320F28004x Microcontrollers
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F280041PMSR Datasheet(HTML) 90 Page - Texas Instruments

Back Button F280041PMSR Datasheet HTML 86Page - Texas Instruments F280041PMSR Datasheet HTML 87Page - Texas Instruments F280041PMSR Datasheet HTML 88Page - Texas Instruments F280041PMSR Datasheet HTML 89Page - Texas Instruments F280041PMSR Datasheet HTML 90Page - Texas Instruments F280041PMSR Datasheet HTML 91Page - Texas Instruments F280041PMSR Datasheet HTML 92Page - Texas Instruments F280041PMSR Datasheet HTML 93Page - Texas Instruments F280041PMSR Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 231 page
background image
90
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
The Flash module is not powered down by hardware in any LPM. It may be powered down using software if required by the application.
For more information, see the Flash and OTP Memory section of the System Control chapter in the TMS320F28004x Microcontrollers
Technical Reference Manual.
(2)
The XTAL is not powered down by hardware in any LPM. It may be powered down by software setting the XTALCR.OSCOFF bit to 1.
This can be done at any time during the application if the XTAL is not required.
5.9.8
Low-Power Modes
This device has HALT and IDLE as two clock-gating low-power modes. STANDBY mode is not supported
on this device. See the TMS320F28004x MCUs Silicon Errata for more details.
Further details, as well as the entry and exit procedure, for all of the low-power modes can be found in the
Low Power Modes section of the TMS320F28004x Microcontrollers Technical Reference Manual.
5.9.8.1
Clock-Gating Low-Power Modes
IDLE and HALT modes on this device are similar to those on other C28x devices. Table 5-33 describes
the effect on the system when any of the clock-gating low-power modes are entered.
Table 5-33. Effect of Clock-Gating Low-Power Modes on the Device
MODULES/
CLOCK DOMAIN
IDLE
HALT
SYSCLK
Active
Gated
CPUCLK
Gated
Gated
Clock to modules connected to
PERx.SYSCLK
Active
Gated
WDCLK
Active
Gated if CLKSRCCTL1.WDHALTI = 0
PLL
Powered
Software must power down PLL before entering HALT.
INTOSC1
Powered
Powered down if CLKSRCCTL1.WDHALTI = 0
INTOSC2
Powered
Powered down if CLKSRCCTL1.WDHALTI = 0
Flash(1)
Powered
Powered
XTAL(2)
Powered
Powered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com