Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK2210DFN22 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2210DFN22
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2210DFN22 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2210DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250µA
12
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=10V, VGS=0V
-
-
1
µA
TJ=85℃
-
-
30
VGS(th) Gate Threshold Voltage
VDS=VGS, IDS=250µA
0.4
0.6
1
V
IGSS
Gate Leakage Current
VGS=±8V, VDS=0V
-
-
±10
µA
RDS(ON) e Drain-Source On-state Resistance
VGS=4.5V, IDS=12A
-
3.6
4.3
mΩ
VGS=2.5V, IDS=10A
-
4.3
5.6
Diode Characteristics
VSD e
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.66
1.1
V
trr
Reverse Recovery Time
ISD=4A
Induct I=0.1mH
VDD=10V,
-
44.5
-
ns
Qrr
Reverse Recovery Charge
-
23
-
nC
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
3.5
4.7
Ω
Ciss
Input Capacitance
VGS=0V,
VDS=6V,
Frequency=1.0MHz
-
2770 3601
pF
Coss
Output Capacitance
-
570
741
Crss
Reverse Transfer Capacitance
-
500
650
td(ON)
Turn-on Delay Time
VDD=6V, RL=6Ω,
IDS=1A, VGEN=4.5V,
RG=1Ω
-
13
-
ns
tr
Turn-on Rise Time
-
23.5
-
td(OFF) Turn-off Delay Time
-
44
-
tf
Turn-off Fall Time
-
110
-
Gate Charge Characteristics
Qg
Total Gate Charge
Vds=6V, Vgs=4.5V,
Ids=4A
-
31.8
41.3
nC
Qgs
Gate-Source Charge
-
2.9
-
Qgd
Gate-Drain Charge
-
7.8
-
Note e Pulse test ; pulse width≤300µs, duty cycle≤2%.
Electrical Characteristics (TA = 25℃ Unless Otherwise Noted)
2018. 10. 19
3/11
Revision No : 0
FTK2210DFN22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com