Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK2210DFN22 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK2210DFN22
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2210DFN22 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK2210DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Operating Characteristics
Power Dissipation
Tj- Junction Temperature (℃)
Drain Current
Tj- Junction Temperature
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Safe Operation Area
VDS - Drain - Source Voltage (V)
0
20 40 60 80 100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
A=25
℃
0
20 40 60 80 100 120 140 160
0
2
4
6
8
10
12
14
T
A=25
℃
,V
G=4
.
5V
0.01
0.1
1
10
50
0.1
1
10
60
1s
100ms
300µs
T
A=25
℃
10ms
1ms
DC
1E-4 1E-3 0.01 0.1
1
10 100 1000
1E-3
0.01
0.1
1
2
Mounted on 1in2 pad
R
θ
JA : 95
℃
/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
2018. 10. 19
4/11
Revision No : 0
FTK2210DFN22



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com