Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS732KMA Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS732KMA
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS732KMA Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS732KMA Datasheet HTML 9Page - Allegro MicroSystems ACS732KMA Datasheet HTML 10Page - Allegro MicroSystems ACS732KMA Datasheet HTML 11Page - Allegro MicroSystems ACS732KMA Datasheet HTML 12Page - Allegro MicroSystems ACS732KMA Datasheet HTML 13Page - Allegro MicroSystems ACS732KMA Datasheet HTML 14Page - Allegro MicroSystems ACS732KMA Datasheet HTML 15Page - Allegro MicroSystems ACS732KMA Datasheet HTML 16Page - Allegro MicroSystems ACS732KMA Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1 MHz Bandwidth, Galvanically Isolated
Current Sensor IC in SOIC-16 Package
ACS732KMA and
ACS733KMA
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC PERFORMANCE: ACS732 (5 V), Rise Time
Test Conditions: TA = 25°C, CBYPASS = 0.1 µF, CLOAD = 220 pF. Input Step = 25 A with 0.3 µs rise time.
Response Time
Test Conditions: TA = 25°C, CBYPASS = 0.1 µF, CLOAD = 220 pF. Input Step = 25 A with 0.3 µs rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com