Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS732KMA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS732KMA
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS732KMA Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS732KMA Datasheet HTML 1Page - Allegro MicroSystems ACS732KMA Datasheet HTML 2Page - Allegro MicroSystems ACS732KMA Datasheet HTML 3Page - Allegro MicroSystems ACS732KMA Datasheet HTML 4Page - Allegro MicroSystems ACS732KMA Datasheet HTML 5Page - Allegro MicroSystems ACS732KMA Datasheet HTML 6Page - Allegro MicroSystems ACS732KMA Datasheet HTML 7Page - Allegro MicroSystems ACS732KMA Datasheet HTML 8Page - Allegro MicroSystems ACS732KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1 MHz Bandwidth, Galvanically Isolated
Current Sensor IC in SOIC-16 Package
ACS732KMA and
ACS733KMA
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
Optimized
Range, IP
(A)
Sensitivity [1],
Sens(Typ)
(mV/A)
Nominal Supply
Voltage, VCC, (V)
TA
(°C)
Packing [2]
ACS732KMATR-65AB-T
±65
30.77
5
–40 to 125
Tape and reel, 1000 pieces per reel
ACS732KMATR-75AB-T
±75
26.67
5
ACS733KMATR-65AB-T
±65
20.3
3.3
[1]
Measured at Nominal Supply Voltage, VCC.
[2]
Contact Allegro for additional packing options.
DESCRIPTION (continued)
The ACS732 and ACS733 are provided in a small, low profile,
surface-mountSOIC-16wide-bodypackage.Theleadframeisplated
with 100% matte tin, which is compatible with standard lead (Pb)
free printed circuit board assembly processes. Internally, the device
is lead-free. These devices are fully calibrated prior to shipment
from the Allegro factory.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
6
V
Reverse Output Voltage
VRIOUT
–0.1
V
Fault Output Voltage
VFAULT
6
V
Reverse Fault Output Voltage
VRFAULT
–0.1
V
Forward VOC Voltage
VVOC
6
V
Reverse VOC Voltage
VRVOC
–0.1
V
Output Current
IOUT
Maximum survivable sink or source current on the output
15
mA
Maximum Continuous Current
ICMAX
TA = 25°C
60
A
Nominal Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com