Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS696PSM Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS696PSM Datasheet HTML 1Page - Allegro MicroSystems ATS696PSM Datasheet HTML 2Page - Allegro MicroSystems ATS696PSM Datasheet HTML 3Page - Allegro MicroSystems ATS696PSM Datasheet HTML 4Page - Allegro MicroSystems ATS696PSM Datasheet HTML 5Page - Allegro MicroSystems ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Pinout Diagram
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating Section
27
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
50
mA
Reverse Output Voltage
VROUT
RPU ≥ 1 kΩ
–0.5
V
Output Sink Current
IOUTSINK
Internal current limiting
25
mA
Operating Ambient Temperature
TA
Range P
–40 to 160
°C
Maximum Junction Temperature
TJ(max)
175
°C
Storage Temperature
Tstg
–65 to 170
°C
Terminal List
Number
Name
Function
1
VCC
Supply voltage
2
GND
Ground
3
OUT
Device output
Symbol
Characteristic
Rating
Unit
CSUPPLY
Nominal Capacitance
220000
pF
COUT
Nominal Capacitance
2200
pF
RSUPPLY
Nominal Resistance
33
Ω
ROUT
Nominal Resistance
20
Ω
INTERNAL DISCRETE COMPONENT RATINGS
V
S
V
PU
R
PU
1
VCC
3
OUT
2 GND
C
OUT
C
SUPPLY
ATS696PSM
Sensor IC
Output
R
OUT
R
SUPPLY
Figure 2: Minimum Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com