Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS696PSM Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems ATS696PSM Datasheet HTML 10Page - Allegro MicroSystems ATS696PSM Datasheet HTML 11Page - Allegro MicroSystems ATS696PSM Datasheet HTML 12Page - Allegro MicroSystems ATS696PSM Datasheet HTML 13Page - Allegro MicroSystems ATS696PSM Datasheet HTML 14Page - Allegro MicroSystems ATS696PSM Datasheet HTML 15Page - Allegro MicroSystems ATS696PSM Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
12
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 10: Channel Separation and Signal Inversion Definitions
IC
SM Package
(top view)
Ideal Target Pitch
= 4 × Differential Hall Element Pitch
= 5 mm
E3
E2
E1
Package Case
Branded Face
(Pin 3 Side)
(Pin 1 Side)
Speed Channel Element Pitch
Differential Hall Element Pitch
1.25 mm
0.625 mm
0.625 mm
dE2E3
dE1E2
dE1E3
(dE2E3)/2
(dE1E2)/2
Switchpoint
Range (at
Switching
Feature)
Speed
Direction A
Direction B
BCHSEP
100
75
50
25
0
Non-Switching
feature; requires
BCHSEP > 0
Switching feature;
signal separation
conditions apply
Non-Switching
feature; requires
BCHSEP > 0
Switching Feature
Switching Feature
Ferromagnetic Target
Ferromagnetic Target
Option S
Option N
Tooth
Tooth
Valley
Valley
Tooth
Tooth
Valley
Valley



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com