Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9823D Datasheet(PDF) 1 Page - 3M Electronics

Part # 9823D
Description  3MTM Blue Flexform Wire Tape Strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9823D Datasheet(HTML) 1 Page - 3M Electronics

  9823D Datasheet HTML 1Page - 3M Electronics 9823D Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2011 All Rights Reserved.
3
Technical Information Sheet
Product Numbers 9823D
3M
TM Blue Flexform Wire Tape Strips
Effective: March 2011
Supersedes all previous specifications
Features and Benefits:
-
Pressure Sensitive Adhesive with Protective Liner - Adhesion to a variety of surfaces
-
Blue Color for High Visibility or Color Coding
- Easy to Use & Precut to Length
Composition:
3M Flexform Tape is a medical device construction tape that consists of a number of wires
enclosed in colored polyolefin plastic and laminated with a pressure-sensitive adhesive. The strips
are precut to length and supplied on sheets of clear polyester release liner.
Description:
Product
Number
Color
Width
Minimum
Length
Maximum
Length
Wires per
Strip
Strips per
Sheet
9823D
Blue
11/16”
(17.5 mm)
5” (13 cm)
48”
(122 cm)
8
5
Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two years
from date stamped on shipping container when stored at temperatures between 50-80
°F (10-27°C)
and a relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 9823D

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9823 ALPHAWIRE-9823 Datasheet
407Kb / 4P
22 (19/34) AWG TC
logo
Time Electronics Ltd.
9823 TIME-ELECTRONICS-9823 Datasheet
135Kb / 2P
Programmable Multi-Function Calibrator
V6 09/09/03
logo
FIBOX Enclosing innovat...
9823000 FIBOX-9823000 Datasheet
51Kb / 1P
Mounting plate, for enclosures
13.01.2023
9823001 FIBOX-9823001 Datasheet
36Kb / 1P
Mounting plate, for enclosures
11.08.2023
9823002 FIBOX-9823002 Datasheet
36Kb / 1P
Mounting plate, for enclosures
11.08.2023
More results

Similar Description - 9823D

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1538 3M-1538 Datasheet
51Kb / 2P
3MTM Medical Rayon Woven Tape
Feb-2007
9779B 3M-9779B Datasheet
46Kb / 2P
3MTM Blue Flexform Wire Tape Rolls
Mar-2011
9943 3M-9943 Datasheet
43Kb / 2P
3MTM Thin Hydrocolloid Adhesive Tape
Jul-2009
1522 3M-1522 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jul-2013
9793R 3M-9793R Datasheet
54Kb / 2P
3MTM Polyolefin Diagnostic Tape
Jan-2010
9795R 3M-9795R Datasheet
48Kb / 2P
3MTM Advanced Polyolefin Tape
9917 3M-9917 Datasheet
48Kb / 2P
3MTM Medical Nonwoven Tape
Aug-2013
9874 3M-9874 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Jun-2009
9877 3M-9877 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
9889 3M-9889 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com