Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP600 Datasheet(PDF) 7 Page - 3M Electronics

Part # DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 7 Page - 3M Electronics

Back Button DP600 Datasheet HTML 3Page - 3M Electronics DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics DP600 Datasheet HTML 10Page - 3M Electronics DP600 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
7
Procedure for Custom Tapping Concrete:
1.
Dispense 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling
or DP600NS into the hole nearly halfway full. To obtain a consistent fill,
judge for under-fill or overfill by counting the number of squeezes of the
trigger.
2.
Insert the bolt or screw within the first 20 seconds after dispensing.
The paste characteristic of 3M™ Scotch-Weld™ Urethane Adhesive
DP600 Self-Leveling or DP600NS will hold the bolt or screw in place
until it cures. Once the work life has been exceeded, do not disturb the
bolt.
3.
Move to the next hole to keep 3M™ Scotch-Weld™ Urethane Adhesive
DP600 Self-Leveling or DP600NS flowing in the mixer tip. If material
sets in the mixer tip, replace the tip and start dispensing again.
4.
3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling or
DP600NS will become tack-free within 2 minutes and cure within one
hour. Note: It is best to wait for one full hour before extracting the bolt
or screw for securing the cupboards, wall hangers or other cabinetry in
place.
5.
Allow 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-
Leveling or DP600NS to fully cure before applying a load. The
maximum torque recommended is 9.5 pounds.
Procedures for Custom Tapping Hollow Concrete Blocks, Wood or Masonry:
1.
Use a reinforcement patch to create a mesh net around the bolt. Leave
at least a 1" excess of mesh abound the diameter of the bolt. Push the
bolt and mesh through the hole.
2.
Remove the bolt and then fill the net 3/4-full with 3M™ Scotch-Weld™
Urethane Adhesive DP600 Self-Leveling or DP600NS while slowly
backing the nozzle out of the hole.
3.
Place the bolt in the hole and complete the fill, if necessary, to adjust
for any under-fill.
4.
Allow 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling
or DP600NS to fully cure before removing the bolt and reinstalling it
along with the supported load.
Installation
Instructions
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com