Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP600 Datasheet(PDF) 10 Page - 3M Electronics

Part # DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 10 Page - 3M Electronics

Back Button DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics DP600 Datasheet HTML 10Page - 3M Electronics DP600 Datasheet HTML 11Page - 3M Electronics DP600 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
10
The following surface preparations were used for substrates described in this
Technical Data Sheet.
A. Aluminum Etch
Optimized FPL Etch - 3M (test method C-2803)
1. Alkaline degrease – Oakite 164 solution (9-11 oz./gallon water) at 190°F ±
10°F (88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of
cold running water (3M test method C-2802).
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of
distilled water. Add sulfuric acid and mix well. Add additional distilled water to
fill to 1 liter. Heat mixed solution to 66 to 71°C (150 to 160°F). Dissolve 1.5
grams of 2024 bare aluminum chips per liter of mixed solution. Gentle
agitation will help aluminum dissolve in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to
71°C) for 12 to 15 minutes.
Note: Review and follow precautionary information provided by chemical
suppliers prior to preparation of this etch solution.
Rinse immediately in large quantities of clear running tap water.
Dry – air dry approximately 15 minutes followed by force dry at 140°F (60°C)
maximum for 10 minutes (minimum).
3. Both surface structure and chemistry play a significant role in determining the
strength and permanence of bonded structures. It is therefore advisable to
bond or prime freshly primed clean surfaces as soon as possible after surface
preparation in order to avoid contamination and/or mechanical damage.
Please contact your 3M sales representative for primer recommendations.
B. Oakite Degrease
Oakite 164 solutions (9-11 oz./gallon of water) at 190°F ± 10°F (88°C ± 5°C) for
2 minutes. Rinse immediately in large quantities of cold running water.
C. MEK/Abrade/MEK
Wipe surface with a methyl ethyl ketone (MEK) soaked swab, abrade and
wipe with a MEK soaked swab.* Allow solvent to evaporate before applying
adhesive.
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Surface
Preparation
(Continued)
Surface
Preparation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com