Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4943C Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 40Page - Infineon Technologies AG TLE4943C Datasheet HTML 41Page - Infineon Technologies AG TLE4943C Datasheet HTML 42Page - Infineon Technologies AG TLE4943C Datasheet HTML 43Page - Infineon Technologies AG TLE4943C Datasheet HTML 44Page - Infineon Technologies AG TLE4943C Datasheet HTML 45Page - Infineon Technologies AG TLE4943C Datasheet HTML 46Page - Infineon Technologies AG TLE4943C Datasheet HTML 47Page - Infineon Technologies AG TLE4943C Datasheet HTML 48Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
TLE4943C
Data Sheet
44
V 1.2, July 2018
5
Package Information
Pure tin covering (green lead plating) is used. Lead frame material is copper based, e.g. K62. Product is RoHS
(Restriction of Hazardous Substances) compliant and marked with the letter G in front of the data code marking
and contains a data matrix code on the rear side of the package. Please refer to your key account team or regional
sales if you need further information.
Figure 30
Distance chip to upper side of IC
5.1
Lead Pull Out Force
The lead pull out force according IEC 60068-2-21 (fifth edition 1999-1) is 10N for each lead.
5.2
Glass Transition Temperature (TG)
Typical glass transition temperature is 165°C (minimum 160°C) measured according dynamic-mechanical-
analysis (DMA). The glass transition temperature can not be measured in production as separate test vehicle is
needed for DMA. Material properties are covered by process parameters and handling instruction for post mold
curing.
The typical glass transition temperature is 165°C according DSC method. A TG measurement according DMA on
test vehicle for every incoming material batch is carried out.
d=0.3±0.08mm
Distance chip to front side
(date code) of IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com