Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-LP Datasheet(PDF) 12 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 8Page - STMicroelectronics BLUENRG-LP Datasheet HTML 9Page - STMicroelectronics BLUENRG-LP Datasheet HTML 10Page - STMicroelectronics BLUENRG-LP Datasheet HTML 11Page - STMicroelectronics BLUENRG-LP Datasheet HTML 12Page - STMicroelectronics BLUENRG-LP Datasheet HTML 13Page - STMicroelectronics BLUENRG-LP Datasheet HTML 14Page - STMicroelectronics BLUENRG-LP Datasheet HTML 15Page - STMicroelectronics BLUENRG-LP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
1.6.4
Power supply supervisor
The BlueNRG-LP device embeds several power voltage monitoring:
Power-on-reset (POR): during the power-on, the device remains in reset mode if VDDIO is below a VPOR
threshold (typically 1.65 V)
Power-down-reset (PDR): during power-down, the PDR puts the device under reset when the supply voltage
(VDD) drops below the VPDR threshold (around 20 mV below VPOR). The PDR feature is always enabled
Power voltage detector (PVD): can be used to monitor the VDDIO (against a programmed threshold) or an
external analog input signal. When the feature is enabled and the PVD measures a voltage below the
comparator, an interrupt is generated (if unmasked)
1.7
Operating modes
Several operating modes are defined for the BlueNRG-LP:
RUN mode
DEEPSTOP mode
SHUTDOWN mode
Table 2. Relationship between the low power modes and functional blocks
Mode
SHUTDOWN
DEEPSTOP
IDLE
RUN
CPU
OFF
OFF
OFF
ON
Flash
OFF
OFF
ON
ON
RAM
OFF
ON/OFF granularity 16 kB
ON/OFF
ON/OFF
Radio
OFF
OFF
ON/OFF
ON/OFF
Supply system
OFF
OFF
ON ( DC-DC ON/OFF)
ON ( DC-DC ON/OFF)
Register retention
OFF
ON
ON
ON
HS clock
OFF
OFF
ON
ON
LS clock
OFF
ON/OFF
ON
ON
Peripherals
OFF
OFF
ON/OFF
ON/OFF
Wake-on RTC
OFF
ON/OFF
ON/OFF
NA
Wake-on GPIOs
OFF
ON/OFF
ON/OFF
NA
Wake-on reset pin
ON
ON
ON
NA
1.7.1
RUN mode
In RUN mode the BlueNRG-LP is fully operational:
All interfaces are active
The internal power supplies are active
The system clock and the bus clock are running
The CPU core and the radio can be used
The power consumption may be reduced by gating the clock of the unused peripherals.
1.7.2
DEEPSTOP mode
The DEEPSTOP is the only low power mode of the BlueNRG-LP allowing the restart from a saved context
environment and the application at wake-up to go on running.
The conditions to enter the DEEPSTOP mode are:
The radio is sleeping (no radio activity)
The CPU is sleeping (WFI with SLEEPDEEP bit activated)
No unmasked wake-up sources are active
The low power mode selection (LPMS) bit of the power controller unit is 0 (default)
BlueNRG-LP
Operating modes
DS13282 - Rev 2
page 12/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com