Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-LP Datasheet(PDF) 20 Page - STMicroelectronics

Part # BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 16Page - STMicroelectronics BLUENRG-LP Datasheet HTML 17Page - STMicroelectronics BLUENRG-LP Datasheet HTML 18Page - STMicroelectronics BLUENRG-LP Datasheet HTML 19Page - STMicroelectronics BLUENRG-LP Datasheet HTML 20Page - STMicroelectronics BLUENRG-LP Datasheet HTML 21Page - STMicroelectronics BLUENRG-LP Datasheet HTML 22Page - STMicroelectronics BLUENRG-LP Datasheet HTML 23Page - STMicroelectronics BLUENRG-LP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Half-duplex single wire communication
Local interconnection network (LIN) master/slave capability
Smart card mode, ISO 7816 compliant protocol
IrDA (infrared data association) SIR ENDEC specifications
Modem operations (CTS/RTS)
RS485 driver enable
Multiprocessor communications
SPI-like communication capability
High speed data communication is possible by using DMA (direct memory access) for multibuffer configuration.
1.21
LPUART
LPUART is a UART which allows bidirectional UART communications. It supports half-duplex single wire
communications and modem operations (CTS/RTS). It also supports multiprocessor communications. DMA (direct
memory access) can be used for data transmission/reception.
1.22
Serial peripheral interface (SPI)
The BlueNRG-LP has three SPI interfaces (SPI1, SPI2, SPI3) allowing communication up to 32 Mbit/s in both
master and slave modes. The SPI peripheral supports:
Master or slave operation
Multimaster support
Full-duplex synchronous transfers on three lines
Half-duplex synchronous transfer on two lines (with bidirectional data line)
Simplex synchronous transfers on two lines (with unidirectional data line)
Serial communication with external devices
NSS management by hardware or software for both master and slave: dynamic change of master/slave
operations
SPI Motorola support
SPI TI mode support
Hardware CRC feature for reliable communication
All SPI interfaces can be served by the DMA controller.
1.23
Inter-IC sound (I2S)
The BlueNRG-LP SPI interfaces: SPI2 and SPI3 support the I2S protocol. The I2S interface can operate in slave
or master mode with full duplex and half-duplex communication. It can address four different audio standards:
Philips I2S standard
MSB-justified standards (left-justified)
LSB-justified standards (right-justified)
PCM standard.
The I2S interfaces DMA capability for transmission and reception.
1.24
Serial wire debug port
The BlueNRG-LP embeds an ARM SWD interface that allows interactive debugging and programming of the
device. The interface is composed of only two pins: SWDIO and SWCLK. The enhanced debugging features for
developers allow up to 4 breakpoints and up to 2 watchpoints.
1.25
TX and RX event alert
The BlueNRG-LP is provided with the TX_SEQUENCE and RX_SEQUENCE signals which alert, respectively,
transmission and reception activities.
A signal can be enabled for TX and RX on two pins, through alternate functions:
BlueNRG-LP
LPUART
DS13282 - Rev 2
page 20/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com