| Electronic Components Datasheet Search |
|
L99LD02 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LD02 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 66 page ![]() Functional description L99LD02 22/66 DS12448 Rev 3 Table 7. Operating modes Operating mode Entering conditions Leaving condition Characteristics Standby mode – By default, once the device is powered (VS present); – CSN High for more than tSTDBY when the device is in Pre-standby mode CSN pin Low for t > tWAKEUP –V3V3 < VPOR; – VS and VDD low consumption; – SPI inactive Pre-standby mode – Under following condition, when device is in Active mode: Two consecutive SPI frames setting: UNLOCK = 1 (EN,GOSTBY) = (0,1) – Under following condition, when device is in Limp Home: Two consecutive SPI frames setting: UNLOCK = 1 (EN,GOSTBY) = (0,1) Or – TM = Low for tTM_LOW Automatic transition to: – Standby mode if CSN pin High for t > tSTDBY – Reset mode if CSN pin Low for t > tPRE_STDBY – V3V3>VPOR – Boost disabled – SPI active Reset mode – By default, when device leaves Standby mode – Under following condition, when device is in Active mode: VDD Under voltage WD failure; One SPI frame setting (EN,GOSTBY) = (0,0) Two consecutive SPI frames setting: UNLOCK = 1 (EN,GOSTBY) = (1,1) – Under following condition, when device is in Pre-standby mode: CSN pin low for t >tPRE_STDBY Automatic transition to Limp Home after 400 ns – All registers reset to default values according to OTP settings – V3V3>VPOR – SPI inactive |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |