Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD02 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 20Page - STMicroelectronics L99LD02 Datasheet HTML 21Page - STMicroelectronics L99LD02 Datasheet HTML 22Page - STMicroelectronics L99LD02 Datasheet HTML 23Page - STMicroelectronics L99LD02 Datasheet HTML 24Page - STMicroelectronics L99LD02 Datasheet HTML 25Page - STMicroelectronics L99LD02 Datasheet HTML 26Page - STMicroelectronics L99LD02 Datasheet HTML 27Page - STMicroelectronics L99LD02 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Functional description
L99LD02
24/66
DS12448 Rev 3
4.1.2
Pre-standby mode
The device enters Pre-standby mode under the following conditions:
upon the two following consecutive SPI frames setting:
UNLOCK = 1
(see bit <1> on Table 22: CR#1: Control Register 1)
(EN,GOSTBY) = (0,1)
(see bit <3> and bit <2> on Table 23: CR#2: Control Register 2)
Or upon the condition of TM pin is low for more than a fixed time window (tTM_LOW).
The Pre-standby mode characteristics are:
V3V3 > VPOR
Boost disabled
SPI active
The device leaves automatically Pre-standby mode entering:
Standby, if CSN high for a time t > tSTDBY;
Reset, if CSN Low for a time t > tPRE_STDBY
4.1.3
Reset mode
The device enters Reset mode under the following conditions:
By default, once the device leaves Standby mode;
If in Active mode, when one of the following events occur:
–
VDD under voltage;
–
Watchdog failure
–
One SPI frame setting (EN,GOSTBY) = (0,0)
–
Two consecutive SPI frames setting
UNLOCK = 1
(EN,GOSTBY) = (1,1)
The Reset mode characteristics are:
V3V3 > VPOR
Control and status registers set to their default values (according to OTP settings)
SPI inactive
The device leaves automatically Reset mode entering Limp Home after 400 ns (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com