Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000-NF Datasheet(PDF) 2 Page - 3M Electronics

Part # 2000-NF
Description  FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000-NF Datasheet(HTML) 2 Page - 3M Electronics

  2000-NF Datasheet HTML 1Page - 3M Electronics 2000-NF Datasheet HTML 2Page - 3M Electronics 2000-NF Datasheet HTML 3Page - 3M Electronics 2000-NF Datasheet HTML 4Page - 3M Electronics 2000-NF Datasheet HTML 5Page - 3M Electronics 2000-NF Datasheet HTML 6Page - 3M Electronics 2000-NF Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Fastbond™
Contact Adhesive 2000-NF with Spray Activator #1
- 2 -
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Fastbond™ Contact
3M™ Fastbond™
Adhesive 2000-NF
Spray Activator #1
Viscosity (approx.)
200-750 cps
Water thin
Brookfield Viscometer
RVF #2 sp. @ 20 rpm @ 80°F (27°C)
Solids (by weight)
47-51%
15-19%
Base
Polychloroprene
Inorganic Salt
Color(s)
Blue, Light Orange or Neutral
Clear
Net Weight
8.9-9.3 lbs./gal.
9.4-9.8 lbs./gal.
Flash Point
None
None
(Setaflash® closed cup tester)
Coverage @ 3 gms./ft.2
690 ft.2/gal. (including activator)
Included in adhesive
dry weight
Application Method
Co-Spray
Co-Spray
Co-Spray Ratio
15 parts
1 part
pH
10-11
4.4-5.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com