Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP3501 Datasheet(PDF) 4 Page - 3M Electronics

Part # DP3501
Description  3M Scotch-WeldTM Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP3501 Datasheet(HTML) 4 Page - 3M Electronics

  DP3501 Datasheet HTML 1Page - 3M Electronics DP3501 Datasheet HTML 2Page - 3M Electronics DP3501 Datasheet HTML 3Page - 3M Electronics DP3501 Datasheet HTML 4Page - 3M Electronics DP3501 Datasheet HTML 5Page - 3M Electronics DP3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
3501 B/A Gray and DP 3501
- 4 -
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
A. Aluminum Overlap Shear
Overlap shear strength was measured on FPL etched 1" wide by 1/2" overlap
specimens. The bonds were made from 2 panels of 4" x 7" x 0.063", 2024 T-3
clad aluminum bonded together and cut into 1" wide specimens. The separation
rate of the testing jaws was 0.1"/minute. Tests similar to ASTM D-1002.
Test Temp
Overlap Shear (PSI)
-67°F (-55°C)
1500
75°F (24°C)
2400
180°F (82°C)
300
B. Steel Overlap Shear
Overlap shear strength was measured on 1" wide by 1/2" overlap bonds of 0.035"
cold rolled steel. The steel was prepared by MEK solvent wiping, abrading and
MEK wiping. The separation rate of the testing jaws was 0.1"/minute. Tests
similar to ASTM D-1002.
Test Temp
Overlap Shear (PSI)
-67°F (-55°C)
1000
75°F (24°C)
2000
180°F (82°C)
150
C. Aluminum T-Peel
T-Peel bonds were measured on 1" wide specimens cut from two FPL etched 8" x
8" x 0.032", 2024 T-3 clad aluminum panels bonded together. The separation rate
of the testing jaws was 20"/minute. Tests similar to ASTM D-1876.
Test Temp
T-Peel (PIW)
75°F (24°C)
4
D
Steel T-Peel
T-Peel bonds were measured on two 1" wide specimens of 0.035" cold rolled
steel bonded together. The steel was prepared by MEK wiping, abrading and
MEK wiping. The separation rate of the testing jaws was 20"/minutes. Tests
similar to ASTM D-1876.
Test Temp
T-Peel (PIW)
75°F (24°C)
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com