Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP3501 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP3501
Description  3M Scotch-WeldTM Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP3501 Datasheet(HTML) 5 Page - 3M Electronics

  DP3501 Datasheet HTML 1Page - 3M Electronics DP3501 Datasheet HTML 2Page - 3M Electronics DP3501 Datasheet HTML 3Page - 3M Electronics DP3501 Datasheet HTML 4Page - 3M Electronics DP3501 Datasheet HTML 5Page - 3M Electronics DP3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
3501 B/A Gray and DP 3501
- 5 -
Environmental
Resistance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
The following data was developed in overlap shear on 2024 T-3 clad FPL etched
aluminum after aging in the following environments for the specified times. Tests
similar to ASTM D-1002.
Environment
Time
Test Results
75°F (24°C)
100% Relative Humidity @ 120°F (49°C)
14 days
2030 psi
Salt Spray @ 95°F (35°C)
14 days
1895 psi
Tap Water @ 75°F (24°C)
14 days
1810 psi
Rate of Strength
Build-Up
The following data was developed in overlap shear on 2024 T-3 clad FPL etched
aluminum curing the adhesive at 75°F (24°C) for the times specified. Test similar to
ASTM D-1002.
Time
Overlap Shear Strength
20 minutes
400 psi
30 minutes
500 psi
60 minutes
750 psi
90 minutes
900 psi
Storage
Store product at 60-80°F (15-27°C) or refrigerate for maximum storage life. Higher
temperatures reduce normal storage life.
Shelf Life
3M™ Scotch-Weld™ Epoxy Adhesive DP 3501 has a shelf life of 15 months from
the date of shipment from 3M when stored in its original unopened container.
3M™ Scotch-Weld™ Epoxy Adhesive 3501 Bulk B/A has a shelf life of 24
months from the date of shipment from 3M when stored in its original unopened
container.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com