Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7953MP Datasheet(PDF) 4 Page - 3M Electronics

Part # 7953MP
Description  3M™ Membrane Switch Product with Adhesive 200MP 7953MP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7953MP Datasheet(HTML) 4 Page - 3M Electronics

  7953MP Datasheet HTML 1Page - 3M Electronics 7953MP Datasheet HTML 2Page - 3M Electronics 7953MP Datasheet HTML 3Page - 3M Electronics 7953MP Datasheet HTML 4Page - 3M Electronics 7953MP Datasheet HTML 5Page - 3M Electronics 7953MP Datasheet HTML 6Page - 3M Electronics 7953MP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M™ Membrane Switch Product with Adhesive 200MP 7953MP
Typical Performance Characteristics (continued)
Property
Values
Method
Substrate
Backing
Test Condition
Notes
Static Shear
10,000+ min
ASTM D3654
Stainless Steel
PET Film
1000 g @ Room
Temperature
0.5 in²
Static Shear
10,000+ min
ASTM D3654
Stainless Steel
PET Film
500 g @ 70°C
(158°F)
0.5 in²
Electrical and Thermal Properties
Property
Values
Method
Test Condition
Notes
Insulation Resistance
1.7 × 10^13 Ω
Mil-I-46058C
100VDC, 60 sec
Dissipation Factor
0.017
ASTM D150
Dielectric Strength
1400 V/mil
ASTM D149
Short time method (air)
Volume Resistivity
5.8 × 10^14 Ω-cm
ASTM D257
Room Temperature
Surface Resistivity
>5.6 × 10^16 Ω
ASTM D257
Room Temperature
Coe cient of Thermal
Expansion
6.7 × 10^-4 m/m/°C
ASTM D696
First Heat(125 - 175°C)
Environmental Resistance
Humidity Resistance – High humidity has a minimal e ect on adhesive performance. Bond strength shows no signi cant reduction after exposure for 7 days at 90⁰F
(32⁰C) and 90% relative humidity.
UV Resistance – When properly applied, nameplates and decorative trim parts are not adversely a ected by outdoor exposure.
Water Resistance – Immersion in water has no appreciable e ect on the bond strength. After 100 hours at room temperature, the high bond strength is maintained.
Temperature Cycling Resistance – High bond strength is maintained after cycling four times through:
4 hours at 158⁰F (70⁰C)
4 hours at -20⁰F (-29⁰C)
4 hours at 73⁰F (22⁰C)
Chemical Resistance – When properly applied, nameplate and decorative trim parts will hold securely after exposure to numerous chemicals including oil, mild acids
and alkalis.
Bond Build-up: The bond strength of 3M™ High Performance Acrylic Adhesive increases as a function of time and temperature as the adhesive further wets the
surface and reaches maximum bond strength after 72 hours at room temperature.
Temperature/Heat Resistance: 3M™ High Performance Acrylic Adhesive on polyester carriers is usable for short periods (minutes, hours) at temperatures up to300 ⁰F
(149⁰C) and for intermittent longer periods (days, weeks) up to 250⁰F (121⁰C).
Lower Temperature Service Limit: -40⁰F (-40⁰C).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com