Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7953MP Datasheet(PDF) 5 Page - 3M Electronics

Part # 7953MP
Description  3M™ Membrane Switch Product with Adhesive 200MP 7953MP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7953MP Datasheet(HTML) 5 Page - 3M Electronics

  7953MP Datasheet HTML 1Page - 3M Electronics 7953MP Datasheet HTML 2Page - 3M Electronics 7953MP Datasheet HTML 3Page - 3M Electronics 7953MP Datasheet HTML 4Page - 3M Electronics 7953MP Datasheet HTML 5Page - 3M Electronics 7953MP Datasheet HTML 6Page - 3M Electronics 7953MP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Family Group
Table continued on next page
3M™ Membrane Switch Product with Adhesive 200MP 7953MP
Handling/Application Information
Application Ideas
• 3M™ Double Lineree Adhesive Transfer Tapes are ideal for selective die cutting
Storage and Shelf Life
It is suggested that products are stored at room temperature conditions of 70⁰F (21⁰C) and 50% relative humidity.
If stored properly, product retains its performance and properties for 24 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-
Membrane-Switch-Spacer-7953MP?N=5002385+3293242527&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=7953MP
7953MP 7956MP 7957MP
7959MP 7961MP
9045MP 7945MP 9057MP 9059MP 9061MP
7993MP 7995MP 7997MP 90
Adhesive Thickness (mm)
Attribute Modi er:
Faceside
0.04
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.
Adhesive Thickness (mm)
Attribute Modi er:
Backside
0.04
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.
Adhesive Thickness (mm)
0.04
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.
Carrier Thickness (mm)
0.01
0.05
0.08
0.13
0.18
0.03
0.03
0.08
0.13
0.18
0.03
0.08
0.13
0.
Adhesive Carrier
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyeste
r Film
(PET)
Polyes
ter
Film
(PET)
Polyes
ter
Film
(PET)
Polyes
ter
Film
(PET)
Po
er
(P
Primary Liner Type
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94
Po
ate
Kr
Pa
(P
Secondary Liner Type
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
58#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94#
Polycoat
ed Kraft
Paper
(PCK)
94
Po
ate
Kr
Pa
(P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com