Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6035PC Datasheet(PDF) 4 Page - 3M Electronics

Part # 6035PC
Description  3M™ Adhesive Transfer Tape 6035PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6035PC Datasheet(HTML) 4 Page - 3M Electronics

  6035PC Datasheet HTML 1Page - 3M Electronics 6035PC Datasheet HTML 2Page - 3M Electronics 6035PC Datasheet HTML 3Page - 3M Electronics 6035PC Datasheet HTML 4Page - 3M Electronics 6035PC Datasheet HTML 5Page - 3M Electronics 6035PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3M™ Adhesive Transfer Tape 6035PC
Typical Performance Characteristics (continued)
Property
Values
Test Condition
Relative High Temperature Operating
Ranges
121 °C
250 °F
Short Term (minutes, hours)
UV Resistance
Adhesive is resistant to oxidation and
ozone when exposed to air or ultraviolet
light.
Flammability Test
Pass FMVSS 302/SAE J369
Automotive Fogging Test
99
SAE J1756 @ 100°C
Typical Environmental Performance
Property
Values
Humidity Resistance
No adverse e ect on the bond after exposure to 100% relative humidity at 100°F
(38°C)
Bond Build-Up
The bond strength of the adhesive increases as a function of time and
temperature.
Storage and Shelf Life
Product retains its performance properties for 24 months from date of manufacture if properly stored at room temperature conditions of 72°F (22°C) and 50% relative
humidity.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-
Adhesive-Transfer-Tape-6035PC?N=5002385+3293240982&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=6035PC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com