Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6035PC Datasheet(PDF) 5 Page - 3M Electronics

Part # 6035PC
Description  3M™ Adhesive Transfer Tape 6035PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6035PC Datasheet(HTML) 5 Page - 3M Electronics

  6035PC Datasheet HTML 1Page - 3M Electronics 6035PC Datasheet HTML 2Page - 3M Electronics 6035PC Datasheet HTML 3Page - 3M Electronics 6035PC Datasheet HTML 4Page - 3M Electronics 6035PC Datasheet HTML 5Page - 3M Electronics 6035PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Adhesive Transfer Tape 6035PC
Family Group
ISO Statement
Information
6035PC
6035PL
6038PC
6038PL
Relative High
Temperature Operating
Ranges (°C)
Test Condition: Short
Term (minutes, hours)
121
121
121
121
Adhesive Type
#300MP Acrylic Adhesive
#300MP Acrylic Adhesive
#300MP Acrylic Adhesive
#300MP Acrylic Adhesive
Adhesive Thickness (mm)
0.127
0.127
0.203
0.203
Liner
58# Polycoated Kraft Paper
83# Polycoated Kraft Paper
58# Polycoated Kraft Paper
83# Polycoated Kraft Paper
Liner Thickness (mm)
0.107
0.157
0.107
0.157
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
Technical Information: The technical information, guidance, and other statements contained in this document or otherwise provided by 3M are based upon records,
tests, or experience that 3M believes to be reliable, but the accuracy, completeness, and representative nature of such information is not guaranteed. Such
information is intended for people with knowledge and technical skills su cient to assess and apply their own informed judgment to the information. No license under
any 3M or third party intellectual property rights is granted or implied with this information.
Product Selection and Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can a ect the use and performance of a 3M product
in a particular application. As a result, customer is solely responsible for evaluating the product and determining whether it is appropriate and suitable for customer’s
application, including conducting a workplace hazard assessment and reviewing all applicable regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly
evaluate, select, and use a 3M product and appropriate safety products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm
to property.
Warranty, Limited Remedy, and Disclaimer: Unless a di erent warranty is speci cally stated on the applicable 3M product packaging or product literature (in which
case such warranty governs), 3M warrants that each 3M product meets the applicable 3M product speci cation at the time 3M ships the product. 3M MAKES NO
OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR ARISING OUT OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M product
does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be liable for any loss or damage arising from
or related to the 3M product, whether direct, indirect, special, incidental, or consequential (including, but not limited to, lost pro ts or business opportunity),
regardless of the legal or equitable theory asserted, including, but not limited to, warranty, contract, negligence, or strict liability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com