Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6T36AY Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMA6T36AY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T36AY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMA6T36AY Datasheet HTML 4Page - STMicroelectronics SMA6T36AY Datasheet HTML 5Page - STMicroelectronics SMA6T36AY Datasheet HTML 6Page - STMicroelectronics SMA6T36AY Datasheet HTML 7Page - STMicroelectronics SMA6T36AY Datasheet HTML 8Page - STMicroelectronics SMA6T36AY Datasheet HTML 9Page - STMicroelectronics SMA6T36AY Datasheet HTML 10Page - STMicroelectronics SMA6T36AY Datasheet HTML 11Page - STMicroelectronics SMA6T36AY Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Figure 18. SMA recommended footprint in mm (inches)
1.40
(0.055)
1.40
(0.055)
2.63
(0.104)
5.43
(0.214)
1.64
(0.065)
Figure 19. SMA marking
Figure 20. Package orientation in reel
Figure 21. Tape and reel orientation
Figure 22. 13'' reel dimension values
Figure 23. Inner box dimension values
SMA6TY
SMA package information
DS6931 - Rev 8
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com