Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6T36AY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA6T36AY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T36AY Datasheet(HTML) 1 Page - STMicroelectronics

  SMA6T36AY Datasheet HTML 1Page - STMicroelectronics SMA6T36AY Datasheet HTML 2Page - STMicroelectronics SMA6T36AY Datasheet HTML 3Page - STMicroelectronics SMA6T36AY Datasheet HTML 4Page - STMicroelectronics SMA6T36AY Datasheet HTML 5Page - STMicroelectronics SMA6T36AY Datasheet HTML 6Page - STMicroelectronics SMA6T36AY Datasheet HTML 7Page - STMicroelectronics SMA6T36AY Datasheet HTML 8Page - STMicroelectronics SMA6T36AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
AEC-Q101 qualified
•
Peak pulse power:
–
600 W (10/1000 μs) and 4 kW (8/20 μs)
•
Stand-off voltage range: from 5 V to 70 V
•
Unidirectional and bidirectional types
•
Low leakage current:
–
0.2 μA at 25 °C and 1 μA at 85 °C
•
Operating Tj max: 150 °C
•
JEDEC registered package outline
•
Lead finishing: matte tin plating
Complies with the following standards
•
UL94, V0
•
J-STD-020 MSL level 1
•
J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026
•
JESD-201 class 2 whisker test
•
IPC7531 footprint and JEDEC registered package outline
•
IEC 61000-4-4 level 4
–
4 k V
•
ISO 10605, IEC 61000-4-2, C = 150 pF, R = 330 Ω exceeds level 4:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 10605, C = 330 pF, R = 330 Ω exceeds level 4:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 7637-2 (not applicable to parts with VRM lower than battery voltage)
–
Pulse 1: VS = -150 V
–
Pulse 2a: VS = +112 V
–
Pulse 3a: VS = -220 V
–
Pulse3b: VS = +150 V
Description
The SMA6TY Transil series has been designed to protect sensitive automotive
circuits against surges defined in ISO 7637-2 and against electrostatic discharges
according to ISO 10605.
The planar technology makes this device compatible with high-end circuits where low
leakage current and high junction temperature are required to provide reliability and
stability over time. SMA6TY are packaged in SMA.
Product status link
SMA6TY
SMA6T6V7AY,
SMA6T6V7CAY,
SMA6T7V6AY,
SMA6T7V6CAY,
SMA6T10AY, SMA6T10CAY,
SMA6T12AY, SMA6T12CAY,
SMA6T14AY, SMA6T14CAY,
SMA6T15AY, SMA6T15CAY,
SMA6T18AY, SMA6T18CAY,
SMA6T22AY, SMA6T22CAY,
SMA6T24AY, SMA6T24CAY,
SMA6T28AY, SMA6T28CAY,
SMA6T30AY, SMA6T30CAY,
SMA6T33AY, SMA6T33CAY,
SMA6T36AY, SMA6T36CAY,
SMA6T39AY, SMA6T39CAY,
SMA6T47AY, SMA6T47CAY,
SMA6T56AY, SMA6T56CAY,
SMA6T68AY, SMA6T68CAY,
SMA6T82AY, SMA6T82CAY
Automotive 600 W TVS in SMA
SMA6TY
Datasheet
DS6931 - Rev 8 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SMA6T36AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T30AY STMICROELECTRONICS-SMA6T30AY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6T30AYCAY STMICROELECTRONICS-SMA6T30AYCAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T33AY STMICROELECTRONICS-SMA6T33AY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6T33AYCAY STMICROELECTRONICS-SMA6T33AYCAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T39AY STMICROELECTRONICS-SMA6T39AY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
More results

Similar Description - SMA6T36AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6TY STMICROELECTRONICS-SMA6TY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com