Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802 Datasheet(PDF) 2 Page - 3M Electronics

Part # 802
Description  3M??ScotchPad??Repositionable Tape Pad 802
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

802 Datasheet(HTML) 2 Page - 3M Electronics

  802 Datasheet HTML 1Page - 3M Electronics 802 Datasheet HTML 2Page - 3M Electronics 802 Datasheet HTML 3Page - 3M Electronics 802 Datasheet HTML 4Page - 3M Electronics 802 Datasheet HTML 5Page - 3M Electronics 802 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ ScotchPad™ Repositionable Tape Pad 802
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Clear
Total Tape Thickness
0.051 mm
2 mil
ASTM D3652
Backing
Acetate
Adhesive
Post-it® low adhesion
adhesive
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
180° Peel
Adhesion
0.18 N/cm
1.5 oz/in
ASTM
D3330
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
Tensile
Strength
26.5 N/cm
15 lb/in
ASTM
D3759
Elongation
at Break
15 %
ASTM
D3759
Available Sizes
Standard Size
4 in x 6 in
(25 sheets per pad)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com