Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802 Datasheet(PDF) 3 Page - 3M Electronics

Part # 802
Description  3M??ScotchPad??Repositionable Tape Pad 802
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

802 Datasheet(HTML) 3 Page - 3M Electronics

  802 Datasheet HTML 1Page - 3M Electronics 802 Datasheet HTML 2Page - 3M Electronics 802 Datasheet HTML 3Page - 3M Electronics 802 Datasheet HTML 4Page - 3M Electronics 802 Datasheet HTML 5Page - 3M Electronics 802 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISO Statement
3M™ ScotchPad™ Repositionable Tape Pad 802
Available Sizes (continued)
Product Size
2 in x 4
4 in x 6 in
Available Sizes
Tape pads are available in various sizes. Consult your local 3M sales representative.
Handling/Application Information
Application Techniques
3M™ ScotchPad™ Repositionable Tape Pad 802 sheets will remove cleanly from most o ce papers, manila folders,
painted wall board, wallpaper, nished woods, metals and plastics, but test the product before using. Avoid
applications on lacquered nishes, blackboards, CIBA chrome photographic paper, lexan plastic and leather,
because adhesive will shred on these surfaces. Removal is possible with a dry tissue, soft eraser, window cleaner or
rubbing alcohol.
Storage and Shelf Life
Storage in a clean, dry place in 40-50% relative humidity and temperature of 40-80°F (4-26°C) is recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Tape-Sheets-802?
N=5002385+3293242190&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=802
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to
ISO 9001 standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com