Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

369 Datasheet(PDF) 1 Page - 3M Electronics

Part # 369
Description  3M??Tartan??Box Sealing Tape 369
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

369 Datasheet(HTML) 1 Page - 3M Electronics

  369 Datasheet HTML 1Page - 3M Electronics 369 Datasheet HTML 2Page - 3M Electronics 369 Datasheet HTML 3Page - 3M Electronics 369 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASK A 3M EXPERT
June, 2017
3M™ Tartan™ Box Sealing Tape 369
Product Description
Tartan™ Box Sealing Tape 369 is a general purpose packaging tape used for noncritical box sealing
applications. This product has a conformable backing and a pressure sensitive hot melt adhesive system. This
construction provides a good closure for lightweight boxes exposed to minimal distribution hazards.
Product Features
• Adheres to a variety of surfaces.
• Low strength conformable backing.
• Edge tear and split resistance.
• Good holding power to berboard.
• Reliable closures.
• Roll to roll consistency increases productivity for improved unit costs.
• Meets FDA requirements for indirect food contact.


Similar Part No. - 369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
369 ETC2-369 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
369 ETC2-369 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
Littelfuse
369 LITTELFUSE-369 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
369 ADAFRUIT-369 Datasheet
186Kb / 2P
Male DC Power adapter - 2.1mm plug to screw terminal block
10/5/2015
logo
Keystone Electronics Co...
369 KEYSTONE-369 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 369

ManufacturerPart #DatasheetDescription
logo
3M Electronics
375 3M-375 Datasheet
14Kb / 2P
Superior Performance Box Sealing Tape
3732 3M-3732 Datasheet
571Kb / 4P
3M??Scotch짰 High Performance Printed Box Sealing Tape 3732
371 3M-371 Datasheet
570Kb / 4P
3M??Scotch짰 Industrial Box Sealing Tape 371
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
353 3M-353 Datasheet
570Kb / 4P
3M ??Scotch짰 High Performance Box Sealing Tape 353
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
3199 3M-3199 Datasheet
564Kb / 4P
3M??Scotch짰 Security Message Box Sealing Tape 3199
481 3M-481 Datasheet
130Kb / 6P
3M??Preservation Sealing Tape 481
8777 3M-8777 Datasheet
137Kb / 5P
3M??Sealing Tape 8777
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com