Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF-210 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # RF-210
Description  Ultra-compact Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-210 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button RF-210 Datasheet HTML 6Page - Panasonic Semiconductor RF-210 Datasheet HTML 7Page - Panasonic Semiconductor RF-210 Datasheet HTML 8Page - Panasonic Semiconductor RF-210 Datasheet HTML 9Page - Panasonic Semiconductor RF-210 Datasheet HTML 10Page - Panasonic Semiconductor RF-210 Datasheet HTML 11Page - Panasonic Semiconductor RF-210 Datasheet HTML 12Page - Panasonic Semiconductor RF-210 Datasheet HTML 13Page - Panasonic Semiconductor RF-210 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ultra-compact Photoelectric Sensor
EX-20 SERIES Ver.2
302
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
PRECAUTIONS FOR PROPER USE
Refer to p.1552~ for general precautions.
Stability indicator
• The stability indicator (green) lights up when the incident
light intensity has sufficient margin with respect to the
operation level.
If the incident light intensity level is such that the stability
indicator lights up, stable sensing can be done without
the light received operation and the light interrupted
operation being affected by a change in ambient
temperature or supply voltage.
M3 screws
Mounting
• Mount using M3 screws. The tightening torque should be
0.5 N·m or less.
Front sensing
Side sensing
M3 pan head screws (Note)
M3 screws
Note: When mounting the front sensing type sensor, use M3 pan head
screws without washers, etc.
• When mounting the front sensing type from the backside,
fit the mounting spacer (
MS-EX20-FS) and fix with screws.
1
Fit the mounting
spacer on the sensor.
2
Align the mounting holes of
the mounting spacer and the
sensor and mount with M3
screws. The tightening torque
should be 0.5 N·m or less.
Mounting
spacer (Optional)
Sensitivity adjustment (side sensing type only)
Step Sensitivity adjuster
Description
1
MAX
Turn the sensitivity adjuster fully counterclockwise to
the minimum sensitivity position (• mark).
2
MAX
A
In the light received condition, turn the sensitivity
adjuster slowly clockwise and confirm the point A
where the sensor enters the “Light” state operation.
3
MAX
A
B
In the dark condition, turn the sensitivity adjuster further
clockwise until the sensor enters the “Light” state operation
and then bring it back to confirm point B where the sensor
just returns to the “Dark” state operation.
4
MAX
A
B
The position at the middle of points A and B is the
optimum sensing position.
Notes: 1) Use the attached adjusting screwdriver to turn the adjuster slowly.
Turning with excessive strength will damage the adjuster.
2) In case of using
EX-22□ at a sensing distance of 50 mm 1.969 in or less,
take care that the sensitivity adjustment range becomes extremely narrow.
Operation mode switch (EX-23□ only)
Switch
position
Description
L
D
Light-ON mode is obtained when the operation mode switch
(located on the receiver) is turned fully clockwise (L side).
L
D
Dark-ON mode is obtained when the operation mode switch
(located on the receiver) is turned fully counterclockwise (D side).
Note: Operation mode switch should be turned fully till it stops.
Mounting method
If the sensor does not enter the “Light” state operation even when the
sensitivity adjuster is turned fully clockwise, this extreme position is point B .
Operation of stability indicator
Output operation
Incident
light
margin
Light
interruption
margin
Output
operation
level
0
100
0
Setting distance
15 % approx.
25 % approx.
Glossy object sensing (EX-29□)
• Please take care of the following points when detecting
materials having a gloss.
L
Make L sufficiently long
Sensor
10 to 30 °
Glossy surface
Sensing object
Reflector
Wiring
• Excess bending of the cable or stress applied to the
cable may disconnect the internal lead wire.
Others
• Do not use during the initial transient time (50 ms) after
the power supply is switched on.
• If sensors are mounted close together and the ambient
temperature is near the maximum rated value, provide
for enough heat radiation / ventilation.
• If a reflective object is present in the background, the
sensing of
EX-28□ may be affected. When setting the
sensor, make sure to confirm that the reflective object
has no effect. In case the reflective object affects the
sensing, take measures such as removing the reflective
object or coloring it in black, etc.
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com