Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF-210 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # RF-210
Description  Ultra-compact Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RF-210 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button RF-210 Datasheet HTML 6Page - Panasonic Semiconductor RF-210 Datasheet HTML 7Page - Panasonic Semiconductor RF-210 Datasheet HTML 8Page - Panasonic Semiconductor RF-210 Datasheet HTML 9Page - Panasonic Semiconductor RF-210 Datasheet HTML 10Page - Panasonic Semiconductor RF-210 Datasheet HTML 11Page - Panasonic Semiconductor RF-210 Datasheet HTML 12Page - Panasonic Semiconductor RF-210 Datasheet HTML 13Page - Panasonic Semiconductor RF-210 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
305 Ultra-compactPhotoelectricSensorEX-20SERIES Ver.2
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
EX-Z
CX-400
CY-100
EX-10
EX-20
EX-30
EX-40
CX-440
EQ-30
EQ-500
MQ-W
RX-LS200
RX
RT-610
MS-EX20-2
Sensor mounting bracket (Optional)
Assembly dimensions
Mounting drawing with the receiver of
EX-23□
R13
R0.512
Beam-receiving part
0.3
0.012
10.5
0.413
24
0.945
13
0.512
17.5
0.689
t 1.2
t 0.047
34
1.339
14°
16
0.630
8
0.315
2
0.079
3.2 0.126
3.5
0.138
11.6
0.457
3
0.118
7.5
0.295 12.5
0.492
3.2
0.126
(24.1)
(0.949)
3.2 0.126
3.5
0.138
2
0.079
3.2
0.126
3-M3 × 0.5
0.020
t 1.5
t 0.059
2.5
0.098
2.5
0.098
2.5
0.098
10°
16
0.630
t 1.2
t 0.047
34
1.339
14°
16
0.630
3.2
0.126
14.5
0.571
16
0.630
3
0.118
8
0.315
3
0.118
7.5
0.295
13
0.512
R13
R0.512
12.5
0.492
1
2
MS-EX20-3
Sensor mounting bracket (Optional)
Assembly dimensions
Mounting drawing with the receiver of
EX-21□
4.5
0.177
3.2 0.126
2 0.079
2
0.079
10.5
0.413
1.5 0.059
19
0.748
16
0.630
18.5
0.728
3.5
0.138
10
0.394
(1.2)
(0.047)
t 1.5
t 0.059
Beam-receiving
part
11.5
0.453
9
0.354
9
0.354
14
0.551
4-M3 × 0.5
0.020
9
0.354
3.2 0.126
2 0.079
2
0.079
9
0.354
12
0.472
19
0.748
20
0.787
6.5
0.256
10
0.394
t 1.5
t 0.059
14
0.551
MS-EX20-4
Sensor mounting bracket (Optional)
3-M3 × 0.5
0.020
3.2 0.126
t 1.5
t 0.059
2.5
0.098
2.5
0.098
t 1.2
t 0.047
3.2
0.126
R13
R0.512
10°
16
0.630
8
0.315
3
0.118
3 0.118
12
0.472
3
0.118
23
0.906
14.5
0.571
5
0.197
17
0.669
14°
8
0.315
13
0.512
2.5
0.098
13
0.512
1
2
Assembly dimensions
Mounting drawing with the receiver of
EX-23□
R13
R0.512
Beam-receiving part
0.3
0.012
10.5
0.413
12.1
0.476
3.2
0.126
13
0.512
8
0.315
3 0.118
8.2
0.323
3
0.118
12
0.472
4.5 0.177
13
0.512
3.5 0.138
23
0.906
14°
t 1.2
t 0.047
17
0.669
8
0.315
(24.6)
(0.969)
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
Material: Stainless steel (SUS304)
Two M3 (length 14 mm 0.551 in)
screws with washers [stainless steel
(SUS304)] are attached.
Material: Stainless steel (SUS304)
Two M3 (length 5 mm 0.197 in) pan head screws
[stainless steel (SUS304)] are attached.
Material: Stainless steel (SUS304)
Two M3 (length 14 mm 0.551 in) screws
with washers [stainless steel (SUS304)] are
attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com