| Electronic Components Datasheet Search |
|
STM32L031F4U6SDTR Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031F4U6SDTR Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 126 page ![]() Electrical characteristics STM32L031x4/6 52/126 DS10668 Rev 6 6.3 Operating conditions 6.3.1 General operating conditions Table 20. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency - 0 32 MHz fPCLK1 Internal APB1 clock frequency - 0 32 fPCLK2 Internal APB2 clock frequency - 0 32 VDD Standard operating voltage BOR detector disabled 1.65 3.6 V BOR detector enabled, at power on 1.8 3.6 BOR detector disabled, after power on 1.65 3.6 VDDA Analog operating voltage (all features) Must be the same voltage as VDD(1) 1.65 3.6 V VIN Input voltage on FT, FTf and RST pins(2) 2.0 V ≤ VDD ≤ 3.6 V –0.3 5.5 V 1.65 V ≤ VDD ≤ 2.0 V –0.3 5.2 Input voltage on BOOT0 pin - 0 5.5 Input voltage on TC pin - –0.3 VDD+0.3 PD Power dissipation at TA = 85 °C (range 6) or TA =105 °C (rage 7) (3) LQFP48 package - 351 mW UFQFPN48 package - 625 LQFP32 package - 333 UFQFPN32 package - 513 UFQFPN28 package - 167 WLCSP25 package - 286 TSSOP20 package - 333 Power dissipation at TA = 125 °C (range 3) (3) LQFP48 package - 88 UFQFPN48 package - 156 LQFP32 package - 83 UFQFPN32 package - 128 UFQFPN28 package - 42 WLCSP25 package - 71 TSSOP20 package - 83 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |