| Electronic Components Datasheet Search |
|
STM32L031F4U6SDTR Datasheet(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031F4U6SDTR Datasheet(HTML) 82 Page - STMicroelectronics |
|
82 / 126 page ![]() Electrical characteristics STM32L031x4/6 82/126 DS10668 Rev 6 Output voltage levels Unless otherwise specified, the parameters given in Table 54 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 20. All I/Os are CMOS and TTL compliant. Table 54. Output voltage characteristics Symbol Parameter Conditions Min Max Unit VOL(1) 1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 18. The sum of the currents sunk by all the I/Os (I/O ports and control pins) must always be respected and must not exceed ΣIIO(PIN). Output low level voltage for an I/O pin CMOS port(2), IIO = +8 mA 2.7 V ≤ VDD ≤ 3.6 V 2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52. -0.4 V VOH(3) 3. The IIO current sourced by the device must always respect the absolute maximum rating specified in Table 18. The sum of the currents sourced by all the I/Os (I/O ports and control pins) must always be respected and must not exceed ΣIIO(PIN). Output high level voltage for an I/O pin VDD–0.4 - VOL (1) Output low level voltage for an I/O pin TTL port(2), IIO =+ 8 mA 2.7 V ≤ VDD ≤ 3.6 V -0.4 VOH (3)(4) 4. Guaranteed by characterization results. Output high level voltage for an I/O pin TTL port(2), IIO = –6 mA 2.7 V ≤ VDD ≤ 3.6 V 2.4 - VOL(1)(4) Output low level voltage for an I/O pin IIO = +15 mA 2.7 V ≤ VDD ≤ 3.6 V -1.3 VOH(3)(4) Output high level voltage for an I/O pin IIO = –15 mA 2.7 V ≤ VDD ≤ 3.6 V VDD–1.3 - VOL(1)(4) Output low level voltage for an I/O pin IIO = +4 mA 1.65 V ≤ VDD< 3.6 V -0.45 VOH(3)(4) Output high level voltage for an I/O pin IIO = –4 mA 1.65 V ≤ VDD ≤ 3.6 V VDD– 0.45 - VOLFM+(1)(4) Output low level voltage for an FTf I/O pin in Fm+ mode IIO = 20 mA 2.7 V ≤ VDD ≤ 3.6 V -0.4 IIO = 10 mA 1.65 V ≤ VDD ≤ 3.6 V -0.4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |