Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L552VEU3QTR Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32L552VEU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VEU3QTR Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32L552VEU3QTR Datasheet HTML 192Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 193Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 194Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 195Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 196Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 197Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 198Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 199Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 340 page
background image
Table 76. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Stop 2)
Supply current
in Stop 2 mode,
RTC disabled
-
1.8 V
3.07
16.61
68.35 158.43 332.53 19.03
67.19 202.18 407.53 797.08
µA
2.4 V
3.09
16.86
69.13 160.32 335.88 19.08
67.43 201.94 409.7 802.29
3 V
3.13
17.24
69.5
161.75 341.1
19.18
67.79 203.72 412.34 812.99
3.6 V
3.2
17.42
71.15 164.99 349.3
19.39
68.67 205.04 415.22 816.69
IDD
(Stop 2
with RTC)
Supply current
in Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
3.66
17.32
68.52 159.57 333.56
19.7
67.81 202.19 408.09 797.2
2.4 V
3.88
17.74
69.73 160.86 338.16 20.07
68.34 202.52 410.27 802.48
3 V
4.2
17.94
70.57 163.39 342.82 20.37
68.62 205.35 413.58 813.45
3.6 V
4.42
18.71
72.31 166.43 348.19 20.79
69.72 205.83 416.46 818.3
RTC clocked by LSI
with LPCAL = 1,
ULPEN = 1
1.8 V
3.5
17.14
69.36 159.76 332.52
----
-
2.4 V
3.62
17.68
70.03 161.58 336.53
----
-
3 V
3.82
18.2
71
163.7 343.17
----
-
3.6 V
4.06
18.8
72.72 168.58 351.22
----
-
RTC clocked by LSE
bypassed at 32768 Hz
with LPCAL = 0,
ULPEN = 0
1.8 V
3.44
17.15
68.39 159.57 333.37
----
-
2.4 V
3.58
17.35
69.8
161.86 336.47
----
-
3 V
3.79
17.77
70.33 163.41 342.2
----
-
3.6 V
4.59
18.34
72.03 166.18 350.97
----
-
RTC clocked by LSE
bypassed at 32768 Hz
with LPCAL = 1,
ULPEN = 1
1.8 V
3.18
16.98
69.4
160.31 335.07
----
-
2.4 V
3.27
17.29
69.65 161.79 339.1
----
-
3 V
3.41
17.91
71.21 163.77 343.27
----
-
3.6 V
4.16
18.5
72.62 167.08 350.59
----
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com