Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L552VEU3QTR Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32L552VEU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VEU3QTR Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32L552VEU3QTR Datasheet HTML 195Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 196Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 197Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 198Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 199Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 200Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 201Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 202Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 340 page
background image
IDD
(wakeup
from Stop
1)
Supply
current
during
wakeup
from Stop
1 mode
Wakeup clock
is MSI = 48
MHz, voltage
Range 1
3 V
2.02
-
-
-
-
-
--
--
mA
Wakeup clock
is MSI = 4
MHz, voltage
Range 2
3 V
0.58
-
-
-
-
-
--
--
Wakeup clock
is HSI = 16
MHz, voltage
Range 1
3 V
1.27
-
-
-
-
-
--
--
Table 77. Current consumption in Stop 1 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
Table 78. Current consumption in Stop 0 mode
Symbol Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Stop 0)
Supply
current in
Stop 0
mode,
RTC
disabled
-
1.8 V
192.69
494.92
1425
2797
5106
1395
3797
8974
15426
25827
µA
-
2.4 V
194.69
495.31
1430
2804
5108
1396
3798
8953
15440
25851
-
3 V
196.09
495.47
1431
2812
5124
1397
3799
8996
15465
25967
-
3.6 V
197.54
497.36
1434
2814
5155
1399
3802
8967
15488
26025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com