Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L552VEU3QTR Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32L552VEU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VEU3QTR Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32L552VEU3QTR Datasheet HTML 194Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 195Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 196Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 197Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 198Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 199Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 200Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 201Page - STMicroelectronics STM32L552VEU3QTR Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 340 page
background image
Table 77. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD
(Stop 1)
Supply
current in
Stop 1
mode,
RTC
disabled
-
1.8 V
91.47
372.36
1243
2527
4611
1196
3403
8100
13853
22830
µA
2.4 V
91.94
375.16
1251
2531
4652
1199
3418
8133
13906
22920
3 V
92.51
375.46
1249
2549
4675
1204
3427
8174
13988
23189
3.6 V
93.26
380.59
1270
2567
4721
1215
3433
8158
14083
23335
IDD
(Stop 1
with RTC)
Supply
current in
Stop 1
mode,
RTC
enabled
RTC clocked
by LSI
1.8 V
92.46
373.25
1248
2518
4617
1196
3405
8103
13874
22793
2.4 V
92.48
372.19
1250
2528
4643
1201
3433
8135
13924
22927
3 V
93.34
374.54
1253
2541
4683
1206
3424
8185
13994
23140
3.6 V
93.38
378.64
1267
2559
4712
1213
3434
8176
14091
23336
RTC clocked
by LSE
bypassed at
32768 Hz
1.8 V
92.35
371.81
1248
2518
4605
-
-
-
-
-
2.4 V
92.31
374.21
1245
2521
4640
-
-
-
-
-
3 V
93.59
375.92
1256
2534
4673
-
-
-
-
-
3.6 V
93.19
377.07
1262
2551
4713
-
-
-
-
-
RTC clocked
by LSE quartz
in low drive
mode
1.8 V
100.67
381.08
1214
2442
-
-
-
-
-
-
2.4 V
101.20
380.64
1224
2447
-
-
-
-
-
-
3 V
102.04
378.49
1228
2466
-
-
-
-
-
-
3.6 V
103.34
387.73
1239
2480
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com