Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 106Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 107Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 108Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 109Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 110Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 111Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 112Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 113Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 193 page
background image
Table 46. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 0 °C 25 °C 85 °C 105 °C
IDD
(Standby)
Supply current
in Standby
mode (backup
registers and
SRAM2a
retained),
RTC disabled
BLE disabled
No independent
watchdog
1.8 V 0.270 0.320 0.515 0.920
3.45
8.20
0.300 0.828 7.850 19.300
µA
2.4 V 0.270 0.350 0.540 0.955
3.50
8.80
-
-
-
-
3.0 V 0.270 0.370 0.575
1.00
3.85
9.50
0.380 0.945 8.505 21.200
3.6 V 0.300 0.410 0.645
1.15
4.20
10.50
0.400 1.040 8.980 22.400
BLE disabled
With
independent
watchdog
1.8 V 0.265 0.525 0.710
1.10
3.90
8.40
0.520 1.095 8.041 19.500
2.4 V 0.280 0.595 0.790
1.20
4.00
9.05
-
-
-
-
3.0 V 0.290 0.670 0.855
1.35
4.15
9.80
0.730 1.253 8.774 21.400
3.6 V 0.295 0.770 0.990
1.50
4.60
11.00
0.851 1.356 9.360 22.840
IDD
(Standby with
RTC)
Supply current
in Standby
mode (backup
registers and
SRAM2a
retained),
RTC enabled
BLE disabled
RTC clocked by
LSI, no
independent
watchdog
1.8 V 0.500 0.600 0.780
1.20
3.70
8.45
0.680 1.165 8.143 19.660
2.4 V 0.630 0.705 0.910
1.30
3.80
9.10
-
-
-
-
3.0 V 0.725 0.825 1.050
1.50
3.95
9.90
0.930 1.463 8.977 21.440
3.6 V 0.860 0.970 1.200
1.70
4.25
11.00
1.050 1.628 9.634 23.080
RTC clocked by
LSI, with
independent
watchdog
1.8 V 0.565 0.655 0.830
1.25
3.75
8.55
0.734 1.196 8.187 19.710
2.4 V 0.635 0.790 0.975
1.40
4.10
9.20
-
-
-
-
3.0 V 0.725 0.915 1.100
1.55
4.50
10.00
1.028 1.573 9.072 21.810
3.6 V 0.870 1.050 1.300
1.80
4.90
11.00
1.144 1.723 9.730 23.200
RTC clocked by
LSE quartz (2) in
low drive mode
1.8 V 0.525 0.625 0.840
1.25
3.75
8.60
0.600 1.061 8.029 19.610
2.4 V 0.665 0.755 0.960
1.35
4.05
9.25
-
-
-
-
3.0 V 0.775 0.880 1.100
1.55
4.40
10.00
0.600 1.100 8.719 21.570
3.6 V 0.935 1.050 1.300
1.80
5.00
11.00
0.750 1.171 9.460 23.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com