Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 108Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 109Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 110Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 111Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 112Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 113Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 114Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 115Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 193 page
background image
Table 47. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
-VDD
0 °C
25 °C 40 °C 55 °C 85 °C 105 °C
0 °C
25 °C 85 °C 105 °C
IDD
(Shutdown)
Supply current in
Shutdown mode
(backup
registers
retained) RTC
disabled
-
1.8 V
0.039
0.013 0.030 0.100 0.635
1.950
-
-
2.099
6.200
µA
2.4 V
0.059
0.014 0.055 0.120 0.785
2.350
-
-
-
-
3.0 V
0.064
0.037 0.070 0.180 1.000
2.900
-
0.185 2.670
7.490
3.6 V
0.071
0.093 0.140 0.280 1.300
3.700
-
0.247 3.120
8.450
IDD
(Shutdown
with RTC)
Supply current in
Shutdown mode
(backup
registers
retained) RTC
enabled
RTC clocked
by LSE
quartz (2) in low
drive mode
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
1.8 V
0.320
0.315 0.355 0.420 0.985
2.300
-
0.572 2.702
6.180
2.4 V
0.425
0.405 0.460 0.540 1.200
2.800
-
-
-
-
3.0 V
0.535
0.535 0.595 0.700 1.500
3.450
-
0.664 2.990
7.800
3.6 V
0.695
0.720 0.790 0.940 2.000
4.350
-
0.790 3.730
9.140
Table 48. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
-VBAT 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C
IDD(VBAT)
Backup
domain
supply
current
RTC disabled
1.8 V 1.00 2.00
4.00
10.0
52.0
145
-
-
-
-
-
-
nA
2.4 V 1.00 2.00
5.00
12.0
60.0
165
-
-
-
-
-
-
3.0 V 2.00 4.00
7.00
16.0
75.0
225
-
-
-
-
-
-
3.6 V 7.00 15.0
23.0
42.0
170
450
-
-
-
-
-
-
RTC enabled
and clocked
by LSE
quartz(2)
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
1.8 V 295
305
315
325
380
480
-
-
-
-
-
-
2.4 V 385
395
400
415
475
595
-
-
-
-
-
-
3.0 V 495
505
515
530
600
765
-
-
-
-
-
-
3.6 V 630
645
660
685
830
1150
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com