Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 188Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 189Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 190Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 191Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 192Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 193Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 192 / 193 page
background image
Revision history
STM32WB55xx STM32WB35xx
192/193
DS11929 Rev 10
02-Jul-2020
9
Added STM32WB35xx devices.
Updated Section 2: Description, Section 3.3.4: Embedded SRAM and
Section 8: Ordering information.
Updated Table 1: Device summary, Table 2: STM32WB55xx and
STM32WB35xx devices features and peripheral counts, Table 7:
Features over all modes and Table 106: Package thermal characteristics.
Added Table 17: STM32WB35xx pin and ball definitions and Table 19:
Alternate functions (STM32WB35xx).
Added Figure 2: STM32WB35xx block diagram, Figure 8:
STM32WB35xx - Power supply overview and Figure 50: STM32WB35xx
UFQFPN48 marking example (package top view),
Updated Figure 1: STM32WB55xx block diagram, Figure 4: External
components for the RF part, Figure 16: Power supply scheme (all
packages except UFBGA129 and WLCSP100), Figure 17: Power supply
scheme (UFBGA129 and WLCSP100 packages) and added footnote to
Figure 9: Clock tree.
Added footnote 1 to Table 8: STM32WB55xx and STM32WB35xx modes
overview.
23-Nov-2020
10
Updated Features, Section 3.15: Voltage reference buffer (VREFBUF)
and Section 3.28.2: Embedded Trace Macrocell™.
Updated Table 9: STM32WB55xx and STM32WB35xx CPU1 peripherals
interconnect matrix, Table 17: STM32WB35xx pin and ball definitions,
Table 26: RF transmitter BLE characteristics (1 Mbps), Table 27: RF
transmitter BLE characteristics (2 Mbps), Table 31: RF transmitter
802.15.4 characteristics, Table 50: Peripheral current consumption,
Table 54: HSE crystal requirements, Table 55: HSE clock source
requirements, footnote 2 of Table 57: Low-speed external user clock
characteristics and Table 86: VBAT monitoring characteristics.
Added footnote 2 to Table 24, footnote 2 to Table 26 and footnote 2 to
Table 27.
Updated Figure 9: Clock tree and Figure 13: STM32WB55Vx UFBGA129
ballout(1).
Minor text edits across the whole document.
Table 107. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com