Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU6TR Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32WB35CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU6TR Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32WB35CEU6TR Datasheet HTML 180Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 181Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 182Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 183Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 184Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 193 page
background image
Package information
STM32WB55xx STM32WB35xx
184/193
DS11929 Rev 10
7.5.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org
7.5.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the ordering
information scheme shown in Section 8.
Each temperature range suffix corresponds to a specific guaranteed ambient temperature at
maximum dissipation and, to a specific maximum junction temperature.
As applications do not commonly use the device at maximum dissipation, it is useful to
calculate the exact power consumption and junction temperature to determine which
temperature range is best suited to the application.
The following examples show how to calculate the temperature range needed for a given
application.
Example 1: High-performance application
Assuming the following application conditions:
Maximum ambient temperature TA max = 82 °C (measured according to JESD51-2),
IDD max = 50 mA, VDD = 3.5 V, maximum 20 I/Os used at the same time in output at
low level with IOL = 8 mA, VOL = 0.4 V and maximum 8 I/Os used at the same time in
output at low level with IOL = 20 mA, VOL= 1.3 V
PINT max = 50 mA × 3.5 V = 175 mW
PIO max = 20 × 8 mA × 0.4 V + 8 × 20 mA × 1.3 V = 272 mW
This gives: PINT max = 175 mW and PIO max = 272 mW
PD max = 175 + 272 = 447 mW
Using the values obtained in Table 106 TJ max is calculated as follows:
–
For VFQFPN68, 47 °C / W
TJ max = 82 °C + (47 °C / W × 447 mW) = 82 °C + 21 °C = 103 °C
This is within the range of the suffix 6 version parts (–40 < TJ < 105 °C), see Section 8.
In this case, parts must be ordered at least with the temperature range suffix 6.
ΘJC
Thermal resistance junction-case
UFQFPN48 - 7 mm x 7 mm
1.3
°C/W
Thermal resistance junction-case
VFQFPN68 - 8 mm x 8 mm
13.7
Thermal resistance junction-case
WLCSP100 - 0.4 mm pitch
N/A
Thermal resistance junction-case
UFBGA129 - 0.5 mm pitch
34.9
Table 106. Package thermal characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com