Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU6TR Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32WB35CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU6TR Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32WB35CEU6TR Datasheet HTML 184Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 188Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 189Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 190Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 191Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 193 page
background image
Revision history
STM32WB55xx STM32WB35xx
188/193
DS11929 Rev 10
08-Oct-2018
3
Changed document classification to Public.
Updated Features, Section 3.6.2: BLE general description, Section 3.7.2:
Power supply schemes, Section 3.7.3: Linear voltage regulator,
Section 3.10: Clocks and startup, Section 6.3.10: External clock source
characteristics, Section 6.3.20: Analog-to-Digital converter
characteristics, Section 6.3.29: Communication interfaces characteristics,
Section 7.2: WLCSP100 package information and Section 7.5: Thermal
characteristics.
Replaced VDDIOx with VDD throughout the whole document.
Updated Table 5: Typical external components, footnote 2 of Table 7:
Features over all modes, Table 8: STM32WB55xx modes overview and
its footnote 5, Table 12: Internal voltage reference calibration values,
Table 16: STM32WB55xx pin and ball definitions and its footnote 6,
Table 17: Alternate functions, Table 20: Thermal characteristics,
Table 21: Main performance at VDD = 3.3 V, Table 21: Main performance
at VDD = 3.3 V, Table 22: General operating conditions, Table 23: RF
transmitter BLE characteristics and its footnote, Table 26: RF receiver
BLE characteristics (1 Mbps), Table 28: RF BLE power consumption for
VDD = 3.3 V, Table 29: RF transmitter 802.15.4 characteristics and its
footnote 1, Table 30: RF receiver 802.15.4 characteristics, Table 31: RF
802.15.4 power consumption for VDD = 3.3 V, Table 34: Embedded
internal voltage reference, Table 35: Current consumption in Run and
Low-power run modes, code with data processing running from Flash,
ART enable (Cache ON Prefetch OFF), VDD = 3.3 V, Table 36: Current
consumption in Run and Low-power run modes, code with data
processing running from SRAM1, VDD = 3.3 V, Table 37: Typical current
consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF), VDD= 3.3 V,
Table 38: Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM1, VDD = 3.3 V, Table 39:
Current consumption in Sleep and Low-power sleep modes, Flash
memory ON, Table 40: Current consumption in Low-power sleep modes,
Flash memory in Power down, Table 41: Current consumption in Stop 2
mode, Table 42: Current consumption in Stop 1 mode, Table 43: Current
consumption in Stop 0 mode, Table 44: Current consumption in Standby
mode, Table 45: Current consumption in Shutdown mode, Table 46:
Current consumption in VBAT mode, Table 47: Current under Reset
condition, Table 48: Peripheral current consumption, Table 49: Low-
power mode wakeup timings, Table 50: Regulator modes transition times,
Table 51: Wakeup time using LPUART, Table 53: HSE clock source
requirements and added footnote to it, Table 61: LSI2 oscillator
characteristics, Table 63: Flash memory characteristics, Table 65: EMS
characteristics, Table 67: ESD absolute maximum ratings, Table 69: I/O
current injection susceptibility, Table 70: I/O static characteristics and its
footnotes, Table 71: Output voltage characteristics, Table 72: I/O AC
characteristics and its footnotes 1 and 2, Table 73: NRST pin
characteristics, Table 77: ADC accuracy - Limited test conditions 1,
Table 78: ADC accuracy - Limited test conditions 2, Table 79: ADC
accuracy - Limited test conditions 3, Table 80: ADC accuracy - Limited
test conditions 4, Table 82: COMP characteristics, Table 90: I2C analog
filter characteristics, Table 91: SPI characteristics, Table 92: Quad-SPI
characteristics in SDR mode, Table 93: Quad-SPI characteristics in DDR
mode and Table 94: SAI characteristics.
Table 107. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com