Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1BPQR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPMIC1BPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1BPQR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPMIC1BPQR Datasheet HTML 5Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 6Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 7Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 8Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 9Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 10Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 11Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 12Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
3.4
Electrical and timing parameters
Table 7. Electrical and timing parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN = 3.6 V, VOUT1 = 1.2 V, VOUT2 = 1.2 V, VOUT3 = 1.8 V, VOUT4 = 3.3 V, VLDO1OUT/VLDO3OUT = 1.8 V, VLDO2OUT/VLDO5OUT/VLDO6OUT =
2.9 V, VIO = 1.8 V, recommended BOM, Tj = -40 °C to +125 °C, unless otherwise specified.
VIN
Input voltage
range
2.8
3.6
5.5
V
VIN_POR_Rise
VIN POR rising
threshold
2.2
2.3
2.4
V
VIN_POR_Fall
VIN POR falling
threshold
2
2.1
2.2
V
VINOK_Rise
VINOK rising
threshold
Programmable value, defined in NVM register
Table 65. NVM_MAIN_CTRL_SHR
3
3.2
3.4
3.9
3.1
3.3
3.5
4
3.2
3.4
3.6
4.1
V
VINOK_HYST
VINOK hysteresis
Programmable value, defined in NVM register
Table 65. NVM_MAIN_CTRL_SHR
200
300
400
500
mV
VINOK_Fall
VINOK falling
threshold
Defined indirectly by VINOK_Rise and VINOK_HYST
settings
VINOK_Rise
-
VINOK_HYST
VINLOW_Rise
VINLOW rising
threshold
Programmable value, defined in register
Table 30. SW_VIN_CR
+30
+300
VINOK_Fall +50
to
VINOK_Fall +400
+80
+500
mV
VINLOW_HYST
VINLOW
hysteresis
Programmable value, defined in register
Table 30. SW_VIN_CR
90
180
270
360
100
200
300
400
110
220
330
440
mV
VINLOW_Fall
VINLOW falling
threshold
Defined indirectly by VINLOW_Rise and
VINLOW_HYST settings
VINLOW_Rise
+
VINLOW_HYST
mV
TWRN_Rise
Warning
temperature
rising
115
125
140
°C
TWRN_Fall
Warning
temperature
falling
95
105
120
°C
TSHDN_Rise
Shutdown
temperature
rising
140
150
160
°C
TSHDN_Fall
Shutdown
temperature
falling
115
125
135
°C
tOCPDB_LDO
LDO OCP turn-off
delay
30
ms
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 9/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com