Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1BPQR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPMIC1BPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1BPQR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPMIC1BPQR Datasheet HTML 31Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 32Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 33Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 34Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 35Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 36Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 37Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 38Page - STMicroelectronics STPMIC1BPQR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
Figure 44. Buck block diagram
Light low power consumption (HP mode)– To minimize power consumption in low load conditions PFM mode
is implemented. Switching between PFM and PWM mode is smooth, fully automatic, and requires no user
intervention.
Low power mode (LP mode) – If the application remains in low load conditions for longer time, the converter can
be switched to LP mode and minimize quiescent consumption to IQ_ BK_LP. In LP mode, the controller works in
hysteretic PFM mode, and has the following features:
1.
Maximum DC current capability is lower, specified by IOUT. However, also in LP mode, converter is able to
handle peak current load of up to IOUT_LP_PEAK but transient response and accuracy are not guaranteed.
2.
ACCU loop is disabled, which results in a lower VOUT accuracy specified by VOUT1-ACC
3.
PLL is disabled. Converter is in PFM mode, which means pulses are not synced to reference clock
To guarantee the best performance, it is recommended LP mode to be entered only when output load is
below IOUTMAX_LP, LP mode can be entered by setting PREG_MODE bit Table 38. BUCKx_MAIN_CR or
Table 43. BUCKx_ALT_CR registers.
Exit from LP mode - It is recommended that application processor switches from LP mode to HP mode before
it applies full rated load exceeding maximum LP current IOUT_LP. This time is defined as minimum LP to HP
recovery time tLP-HP-BKIf load is increased before this time, buck converter stays in regulation but transient or
accuracy specification may not be guaranteed. Refer to Figure 45. BUCKx LP to HP mode recovery time.
Note:
During POWER_UP sequence, buck is always started in HP mode, with default VOUT configuration defined in
NVM_BUCKx_VOUT[1:0] bits of Table 69. NVM_BUCKS_VOUT_SHR register.
Enable/disable - BUCK can be enabled or disabled:
1.
Automatically during POWER_UP/POWER_DOWN state as described in Section 5.3 POWER_UP,
POWER_DOWN sequence
2.
Manually by setting ENA bit in corresponding Table 38. BUCKx_MAIN_CR or Table 43. BUCKx_ALT_CR
registers
VOUT setting – BUCK output voltage can be set:
1.
Automatically during POWER_UP/POWER_DOWN state as described in Section 5.3 POWER_UP,
POWER_DOWN sequence
Default voltage is selected in BUCKx_VOUT[1:0] bits of Table 69. NVM_BUCKS_VOUT_SHR register.
2.
Automatically during MAIN/ALTERNATE mode change by toggling PWRCTRL pin as defined in VOUT[5:0]
field in corresponding Table 38. BUCKx_MAIN_CR or Table 43. BUCKx_ALT_CR registers.
3.
Manually by setting VOUT[5:0] field of Table 38. BUCKx_MAIN_CR or Table 43. BUCKx_ALT_CR registers.
STPMIC1
Buck converters
DS12792 - Rev 7
page 35/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com