Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE4JCU7TR Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 114Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 115Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 116Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 117Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 118Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 119Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 120Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 145 page
background image
DS13105 Rev 8
117/145
STM32WLE5/E4xx
Electrical characteristics
133
EO
Offset error
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-
1.5
2
LSB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz; fs ≤ 2.5 Msps, TA = entire range
-1.5
4.5
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
-1.5
5.5
EG
Gain error
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-
3
3.5
LSB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-3
5
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
-3
6.5
ED
Differential
linearity error
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-
1.2
1.5
LSB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-1.2
1.5
1.62 V < VDDA = VREF+ < 3.6 V,TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
-1.2
1.5
EL
Integral
linearity error
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-
2.5
3
LSB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-2.5
3
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
-2.5
3.5
ENOB
Effective
number of
bits
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C 10.1 10.2
-
bit
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
9.6
10.2
-
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
9.5
10.2
-
SINAD
Signal-to-
noise and
distortion
ratio
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C 62.5 63
-
dB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
59.5
63
-
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
59
63
-
SNR
Signal-to-
noise ratio
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
63
64
-
dB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
60
64
-
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
60
64
-
Table 79. ADC accuracy(1)(2)(3) (continued)
Symbol
Parameter
Conditions(4)
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com