Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE4JCU7TR Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 116Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 117Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 118Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 119Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 120Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 121Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 122Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 123Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
120/145
DS13105 Rev 8
5.3.21
VBAT monitoring characteristics
5.3.22
Voltage reference buffer characteristics
Table 81. VBAT monitoring characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT(2)
-3 * 39
-
kΩ
Q
Ratio on VBAT measurement
-
3
-
-
Er(3)
Error on Q
-10
-
10
%
tS_vbat(3)
ADC sampling time when reading VBAT
12
-
-
µs
1. 1.55 V
< VBAT < 3.6 V.
2. VDD on STM32WLE5/4UxYx devices.
3. Guaranteed by design.
Table 82. VBAT charging characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RBC
Battery charging resistor
VBRS = 0
-
5
-
kΩ
VBRS = 1
-
1.5
-
Table 83. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode
VRS = 0
2.4
-
3.6
V
VRS = 1
2.8
-
3.6
Degraded mode(2)
VRS = 0
1.62
-
2.4
VRS = 1
1.62
-
2.8
VREFBUF_
OUT
Voltage
reference output
Normal mode
ILOAD=100 μA,
TJ = 30 °C
VRS = 0
2.044
2.048
2.052
VRS = 1
2.495
2.5
2.505
Normal mode
ILOAD=100 μA,
-40 °C < TJ < 125 °C
VRS = 0
2.030
2.048
2.057
VRS = 1
2.478
2.500
2.509
Degraded mode(2)
VRS = 0
VDDA - 250 mV
-
VDDA
VRS = 1
VDDA - 250 mV
-
VDDA
TRIM
Trim step
resolution
-
-
-
±0.05
±0.1
%
CL
Load capacitor
-
-
0.5
1
1.5
µF
esr
Equivalent
series resistor
of Cload
--
-
-
2
Ω
Iload
Static load
current
--
-
-
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com