Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC950 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 5 Page - Texas Instruments

  CDC950 Datasheet HTML 1Page - Texas Instruments CDC950 Datasheet HTML 2Page - Texas Instruments CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables (Continued)
Table 5. Host/HOST Output Buffer Specifications
INPUT
BOARD TARGET
REFERENCE R,
OUTPUT CURRENT
VOH at Z
MultSel0
MultSel1
BOARD TARGET
TRACE/TERM Z
REFERENCE R,
IREF = VDD/(3 Rr)
OUTPUT CURRENT
IOH
VOH at Z
0
0
60
Ω
Rr = 475 1%,
I_REF = 2.32 mA
5
× IREF
0.71 V at 60
Ω
0
0
50
Ω
Rr = 475 1%,
I_REF = 2.32 mA
5
× IREF
0.59 V at 50
Ω
0
1
60
Ω
Rr = 475 1%,
I_REF = 2.32 mA
6
× IREF
0.85 V at 60
Ω
0
1
50
Ω
Rr = 475 1%,
I_REF = 2.32 mA
6
× IREF
0.71 V at 50
Ω
1
0
60
Ω
Rr = 475 1%,
I_REF = 2.32 mA
4
× IREF
0.56 V at 60
Ω
1
0
50
Ω
Rr = 475 1%,
I_REF = 2.32 mA
4
× IREF
0.47 V at 50
Ω
1
1
60
Ω
Rr = 475 1%,
I_REF = 2.32 mA
7
× IREF
0.99 V at 60
Ω
1
1
50
Ω
Rr = 475 1%,
I_REF = 2.32 mA
7
× IREF
0.82 V at 50
Ω
0
0
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
5
× IREF
0.75 V at 30
Ω
0
0
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
5
× IREF
0.62 V at 25
Ω
0
1
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
6
× IREF
0.90 V at 30
Ω
0
1
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
6
× IREF
0.75 V at 25
Ω
1
0
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
4
× IREF
0.60 V at 30
Ω
1
0
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
4
× IREF
0.5 V at 25
Ω
1
1
30 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
7
× IREF
1.05 V at 30
Ω
1
1
25 (dc equivalent)
Rr = 221 1%,
I_REF = 5 mA
7
× IREF
0.84 V at 25
Ω
NOTE: The entries in boldface are the primary system configurations of interest. The outputs should be optimized for these configurations.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD
−0.5 V to 4.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
(see Note 1)
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
2
× rated IOL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK:(VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(VI > VDD)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK:(VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO > VDD)
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
89
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 3)
1070 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for the through-hole packages,
which use a trace length of zero.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com