Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC950 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC950 Datasheet HTML 2Page - Texas Instruments CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments CDC950 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR†
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGG
1400 mW
11.2 mW/
°C
900 mW
730 mW
† This is the inverse of the traditional junction-to-case thermal resistance (RθJA) and uses a
board-mounted device at 89
°C/W
recommended operating conditions (see Note 4)
MIN
NOM‡
MAX
UNIT
Supply voltages, VDD, AVDD
3.135
3.3
3.465
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Input voltage, VI
−0.3
VDD + 0.3
HCLK/HCLK
−40
High-level output current, IOH
CLK33
−18
High-level output current, IOH
3V48/SelA and 3V48/SelB
−14
REFCLK
−14
mA
HCLK/HCLK
0
mA
Low-level output current, IOL
CLK33
12
Low-level output current, IOL
3V48/SelA and 3V48/SelB
9
REFCLK
9
Reference frequency, f(XIN)§
Test mode
14
MHz
Crystal, f(XTAL)¶
Normal mode
13.8
14.318
14.8
MHz
Operating free-air temperature, TA
0
85
°C
‡ All nominal values are measured at their respective nominal VDD values.
§ Reference frequency is a test clock driven on the XIN input during the device test mode or normal mode. In test mode, XIN can be driven externally
up to f(XIN) = 16 MHz. If XIN is driven externally, XOUT is floating.
¶ This is a series fundamental crystal with fo = 14.31818 MHz
NOTE 4: Unused inputs must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com