Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB151S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DB151S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DB151S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DB151S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DB151S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5
2.0
1.5
1.0
0.5
0
20
40
60
80
100
120
140 150
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
1
10
100
REVERSE VOLTAGE.(V)
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- MAXIMUN DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
100
0.01
0.1
1
100
10
1.0
.10
.01
100
10
1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
FORWARD VOLTAGE,(V)
FIG. 4-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMNT
AMBIENT TEMPERATURE, C
0.6''(1.5mm)
Copper Pauls .51''x.51''
(13mmx13mm)
2
4
6
10
20
40
60
TJ=25*
Single sine-wave
(JEDEC Method)
FIG. 3-TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
TJ=125*
TJ=25*
TJ=25*
PULSE WIDTH:300*S
1% DUTY CYCLE
TJ=25*
f=1.0MHZ
Visg=50mV p-p
DB151S THRU DB157S
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com